Electronic Components Datasheet Search
  English  ▼

X  

TPS2301IPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2301IPWR
Description  DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2301IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2301IPWR Datasheet HTML 4Page - Texas Instruments TPS2301IPWR Datasheet HTML 5Page - Texas Instruments TPS2301IPWR Datasheet HTML 6Page - Texas Instruments TPS2301IPWR Datasheet HTML 7Page - Texas Instruments TPS2301IPWR Datasheet HTML 8Page - Texas Instruments TPS2301IPWR Datasheet HTML 9Page - Texas Instruments TPS2301IPWR Datasheet HTML 10Page - Texas Instruments TPS2301IPWR Datasheet HTML 11Page - Texas Instruments TPS2301IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
V
5V/div
I(
)
ENABLE
V
10V/div
O(GATE2)
V
5V/div
O(DISCH2)
t – Time – 10ms/div
Load5 W
V
5V/div
I(
)
ENABLE
V
10V/div
O(GATE2)
V
5V/div
O(DISCH2)
t – Time – 10ms/div
Load5 W
V
5V/div
I(
)
ENABLE
V
10V/div
O(GATE1)
V
5V/div
O(DISCH1)
t – Time – 10ms/div
Load12 W
V
5V/div
I(
)
ENABLE
V
10V/div
O(GATE1)
V
5V/div
O(DISCH1)
t – Time – 10ms/div
Load12 W
TPS2300
TPS2301
SLVS265H – FEBRUARY 2000 – REVISED JULY 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 1. Turnon Voltage Transition of Channel 1
Figure 2. Turnoff Voltage Transition of Channel 1
Figure 3. Turnon Voltage Transitioin of Channel 2
Figure 4. Turnoff Voltage Transition of Channel 2
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TPS2300 TPS2301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com