Electronic Components Datasheet Search
  English  ▼

X  

TPS2816DBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2816DBVT
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2816DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2816DBVT Datasheet HTML 7Page - Texas Instruments TPS2816DBVT Datasheet HTML 8Page - Texas Instruments TPS2816DBVT Datasheet HTML 9Page - Texas Instruments TPS2816DBVT Datasheet HTML 10Page - Texas Instruments TPS2816DBVT Datasheet HTML 11Page - Texas Instruments TPS2816DBVT Datasheet HTML 12Page - Texas Instruments TPS2816DBVT Datasheet HTML 13Page - Texas Instruments TPS2816DBVT Datasheet HTML 14Page - Texas Instruments TPS2816DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
11
www.ti.com
TYPICAL CHARACTERISTICS
Figure 8
16
15
14
13
–50
–25
0
25
50
17
18
RISE TIME
vs
AMBIENT TEMPERATURE
19
75
100
125
Ambient Temperature –
°C
VCC = 10 V
Load = 1000 pF
f = 100 kHz
Figure 9
15
13
12
10
–50
–25
0
25
50
17
18
20
75
100
125
FALL TIME
vs
AMBIENT TEMPERATURE
Ambient Temperature –
°C
VCC = 10 V
Load = 1000 pF
f = 100 kHz
19
16
14
11
Figure 10
16
15
14
13
–50
–25
0
25
50
17
18
19
75
100
125
VCC = 10 V
Load = 1000 pF
f = 100 kHz
PROPAGATION DELAY TIME,
LOW-TO-HIGH-LEVEL OUTPUT
vs
SUPPLY VOLTAGE
TA – Ambient Temperature – °C
Figure 11
PROPAGATION DELAY TIME,
HIGH-TO-LOW-LEVEL OUTPUT
vs
AMBIENT TEMPERATURE
15
14
12
10
–50
–25
0
25
50
17
19
20
75
100
125
VCC = 10 V
Load = 1000 pF
f = 100 kHz
TA – Ambient Temperature – °C
18
16
13
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com