Electronic Components Datasheet Search
  English  ▼

X  

TPS5100IPW.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS5100IPW.A
Description  TRIPLE-CHANNEL PWM CONTROL CIRCUITS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS5100IPW.A Datasheet(HTML) 2 Page - Texas Instruments

  TPS5100IPW.A Datasheet HTML 1Page - Texas Instruments TPS5100IPW.A Datasheet HTML 2Page - Texas Instruments TPS5100IPW.A Datasheet HTML 3Page - Texas Instruments TPS5100IPW.A Datasheet HTML 4Page - Texas Instruments TPS5100IPW.A Datasheet HTML 5Page - Texas Instruments TPS5100IPW.A Datasheet HTML 6Page - Texas Instruments TPS5100IPW.A Datasheet HTML 7Page - Texas Instruments TPS5100IPW.A Datasheet HTML 8Page - Texas Instruments TPS5100IPW.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TPS5100
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
SLVS169 – JANUARY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
_
+
_
+
+
–
_
+
+
–
_
+
_
+
_
+
_
+
+
–
–
+
–
+
–
+
+
–
+
+
–
1 V
0.4 V
V01
V03
Vref
Vref
–VO2
E/01
IN–1
IN–3
E/03
DTC1/3
DTC2
IN–2
E/02
DIS
DIS
Vref
Vref
E/A1
E/C1
E/A3
E/C3
VT2
1.15 V
VT1, 0.25 V
EN1
EN2
R
R
VT4, 0.7 V
VT3, 0.25 V
E/C2
E/A2
GND
OSC
CT/RT
UVLO
VCC
Vref
Vref
To Internal
Circuitry
VCC
PWM/C
PWM/C
PWM/C
DIS
EN1
EN1
EN2
VT5
1.25 V
LATCH
SPC/C
2
µA
VCC
VCC
VCC
OUT1
OUT3
OUT2
SCP
VCC
V01
VCC
–VO2
Boost
Buck-Boost
NOTE A: All voltages and currents listed are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com