Electronic Components Datasheet Search
  English  ▼

X  

MI2011T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MI2011T
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI2011T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MI2011T Datasheet HTML 1Page - List of Unclassifed Manufacturers MI2011T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries inc.®
Thermoelectric Cooler
MI2011T
102-0041, Rev C
Performance Values
Mechanical Characteristics
[50.80+/-6.35]
2.00 +/-.25
Negative Lead
Positive Lead
[4.29 +/-0.18]
.169+/-.007
[3.96]
.156
[3.96]
.156
Cold Side
[6.60]
.260
[6.60]
.260
A
A
Leads: 26 AWG (0.40) Bus
Solid Tinned Copper
Ceramic Material: Alumina (AC)
Millimeters are in [ ]
.001 [0.03]
.004 [0.10]
.001 [0.03]
Ordering Options
•
For example, and MI2011T with only the hot side
metallized is specified as an MI2011T-02AC
•
Pretinned metallized ceramic surface(s) with
117°C solder.
•
Thermistor mounted on edge of cold side ceramic.
(Calibration available.)
•
Elevated temperature burn-in with test data provided.
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
76
87
Qmax (watts):
0.47
0.53
Imax (amps):
0.7
0.7
Vmax (vdc):
1.9
2.2
AC Resistance (ohms):
2.52
---
MI2011T-01
both surfaces are metallized
MI2011T-02
hot side exterior is metallized
MI2011T-03
no metallization


Similar Part No. - MI2011T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI2010H27AH ETC1-MI2010H27AH Datasheet
317Kb / 2P
5mm X 7mm Ceramic SMD
MI2010H27H ETC1-MI2010H27H Datasheet
317Kb / 2P
5mm X 7mm Ceramic SMD
MI2010H48AH ETC1-MI2010H48AH Datasheet
317Kb / 2P
5mm X 7mm Ceramic SMD
MI2010H48H ETC1-MI2010H48H Datasheet
317Kb / 2P
5mm X 7mm Ceramic SMD
MI2010HAH ETC1-MI2010HAH Datasheet
317Kb / 2P
5mm X 7mm Ceramic SMD
More results

Similar Description - MI2011T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
Thermoelectric Cooler
MI2012T ETC2-MI2012T Datasheet
127Kb / 2P
Thermoelectric Cooler
NL1015T ETC2-NL1015T Datasheet
152Kb / 2P
Thermoelectric Cooler
TEC1-12708 ETC2-TEC1-12708 Datasheet
103Kb / 3P
Thermoelectric Cooler
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
TEC1-12708 HB-TEC1-12708 Datasheet
108Kb / 3P
Thermoelectric Cooler
TEC1-12730 HB-TEC1-12730 Datasheet
113Kb / 3P
Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com