Electronic Components Datasheet Search
  English  ▼

X  

W10M Datasheet(PDF) 1 Page - SYC Electronica

Part # W10M
Description  VOLTAGE RANGE - 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

W10M Datasheet(HTML) 1 Page - SYC Electronica

  W10M Datasheet HTML 1Page - SYC Electronica W10M Datasheet HTML 2Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HGCTURGS
0 Snka_ io_kfi[^ k[mchal mi ;6 Cgj_k_l j_[e
0 Iii^ `ik jkchm_^ ]ck]ncm \i[k^ [ll_g\fr
0 W_cabm@ 7486 ak[gl
NCXKNUN RCTKOIS COF GMGETRKECM EJCRCETGRKSTKES
R[mchal [m 8; iE [g\c_hm m_gj_k[mnk_ nhf_ll imb_kpcl_ lj_]c`c_^4
Schaf_ jb[l_2 b[f` p[o_2 <6 Js2 k_lclmco_ ik ch^n]mco_ fi[^4
Hik ][j[]cmco_ fi[^2 ^_k[m_ ]nkk_hm \r 86-4
W66;N
TJRU
W76N
WPN
Fcg_hlcihl ch ch]b_l [h^ .gcffcg_m_kl/
K8m R[mcha `ik Hnlcha .m<>49gl/
K8m
76
C8S_]
Trjc][f Lnh]mcih E[j[]cm[h]_ . Oim_7/
EL
8:
jH
Trjc][f Tb_kg[f R_lclm[h]_ .Oim_ 8/
R-LC
9<
6E5W
N[qcgng R_]nkk_hm Q_[e R_o_kl_ Vifm[a_
N[qcgng RNS Dkc^a_ Khjnm Vifm[a_
N[qcgng FE Dfi]echa Vifm[a_
Q_[e Hikp[k^ Snka_ Enkk_hm >49 gl lchaf_ b[f` lch_3p[o_
lnj_kcgjil_^ ih k[m_^ fi[^ .LGFGE N_mbi^/
SYNDPM
VRRN
VFE
KP
KHSN
VRNS
Vifml
Vifml
Vifml
Cgjl
74;
;6
Cgjl
UOKTS
;6
766
866
:66
<66
>66
7666
=6
9;
7:6
8>6
:86
=66
;<6
W66;N W67N
W68N
W6:N
W6<N
W6>N
W76N
N[qcgng Co_k[a_ Hikp[k^ R_]mc`c_^ Pnmjnm Enkk_hm [m TC A8;iE
;6
766
866
:66
<66
>66
7666
TSTI
3;; mi 1 7;6
6E
Smik[a_ T_gj_k[mnk_ R[ha_
Pj_k[mcha T_gj_k[mnk_ R[ha_
TL
3;;mi178;
6E
FE Dfi]echa Vifm[a_ j_k _f_g_hm
VH
KR
746
;66
nCgjl
N[qcgng R_o_kl_ Enkk_hm [m R[m_^
N[qcgng Hikp[k^ Vifm[a_ Fkij j_k _f_g_hm [m 746C FE
Vifml
BTC A8;iE
BTC A 766iE
76
OPTGS @ 74N_[lnk_^ [m 7 NJZ [h^ [jjfc_^ k_o_kl_ oifm[a_ i` :46 oifml
84 Tb_kg[f R_lclm[h]_ `kig Lnh]mcih mi Cg\c_hm [h^ `kig dnh]mcih mi f_[^ ginhm_^ ih Q4E4D4 pcmb 64; q 64;, .79q79gg/ ]ijj_k j[^l4
VPMTCIG RCOIG 3 ;6 mi 7666 Vifml
EURRGOT 3 74; Cgj_k_l
RGETKHKGR SQGEKCMKSTS
TGEJOKECM SQGEKHKECTKPOS PH SKOIMG3QJCSG SKMKEPO DRKFIG RGETKHKGR
NGEJCOKECM FCTC
0 E[l_@ Nif^_^ jf[lmc]
0 Gjiqr@ UM ?:V36 k[m_ `f[g_ k_m[k^[hm
0 M_[^@ NKM3STF3868G2 N_mbi^ 86> an[k[hm__^
0 Qif[kcmr@ Cl g[ke_^
0 Ninhmcha jilcmcih@ Chr
SQCEKOI


Similar Part No. - W10M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
W10M WTE-W10M Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
logo
Rectron Semiconductor
W10M RECTRON-W10M Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
W10M JGD-W10M Datasheet
125Kb / 2P
SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
W10M SEMTECH-W10M Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Shanghai Sunrise Electr...
W10M SSE-W10M Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - W10M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBP301 PFS-KBP301 Datasheet
556Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
WILLAS ELECTRONIC CORP
BR305 WILLAS-BR305 Datasheet
267Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
BR1005 WILLAS-BR1005 Datasheet
340Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RB15 WILLAS-RB15 Datasheet
275Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
RS401M WILLAS-RS401M Datasheet
408Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
FR301 WILLAS-FR301 Datasheet
280Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
logo
Yea Shin Technology Co....
KBPC25005 YEASHIN-KBPC25005 Datasheet
373Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
KBPC35005 YEASHIN-KBPC35005 Datasheet
428Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere
logo
Rectron Semiconductor
FR204-B RECTRON-FR204-B Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com