Electronic Components Datasheet Search
  English  ▼

X  

0800713 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0800713
Description  WMS 2,4 (EX4)R YE CUS - Shrink sleeve
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800713 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0800713 Datasheet HTML 1Page - PHOENIX CONTACT 0800713 Datasheet HTML 2Page - PHOENIX CONTACT 0800713 Datasheet HTML 3Page - PHOENIX CONTACT 0800713 Datasheet HTML 4Page - PHOENIX CONTACT 0800713 Datasheet HTML 5Page - PHOENIX CONTACT 0800713 Datasheet HTML 6Page - PHOENIX CONTACT 0800713 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, yellow, cable diameter range: 0.8 ... 2.4 mm: user-defined, perforated or cut,
mounting type: slide-on, text field height: 30000 mm, text field width: 4 mm
Your advantages
Individual labels can be ordered with a maximum length of 30 mm
•
UL 224 (125°C, 600 V, all tubing)
•
CSA.C22.2 No. 198.1 (125°C, 600 V, all tubing)
•
MIL-STD-202G, SAE AMS-DTL-23053, SAE AS-81531
•
Commercial data
Item number
0800713
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8126
GTIN
4046356628501
Weight per piece (including packing)
0.432 g
Weight per piece (excluding packing)
0.373 g
Country of origin
PL
WMS 2,4 (EX4)R YE CUS - Shrink sleeve
0800713
https://www.phoenixcontact.com/us/products/0800713
Jul 31, 2025, 5:51AM
Page 1 (7)


Similar Part No. - 0800713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800710 PHOENIX-0800710 Datasheet
194Kb / 7P
WMS 38,1 (EX60)R CUS - Shrink sleeve
0800711 PHOENIX-0800711 Datasheet
194Kb / 7P
WMS 50,8 (EX80)R CUS - Shrink sleeve
0800714 PHOENIX-0800714 Datasheet
194Kb / 7P
WMS 3,2 (EX5)R YE CUS - Shrink sleeve
0800715 PHOENIX-0800715 Datasheet
194Kb / 7P
WMS 4,8 (EX9)R YE CUS - Shrink sleeve
0800716 PHOENIX-0800716 Datasheet
194Kb / 7P
WMS 6,4 (EX10)R YE CUS - Shrink sleeve
More results

Similar Description - 0800713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
0824595 PHOENIX-0824595 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 YE CUS
0824627 PHOENIX-0824627 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 16 YE CUS
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com