Electronic Components Datasheet Search
  English  ▼

X  

0804538 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804538
Description  WMS-2 HF 38,1 (EX60)R YE - Shrink sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804538 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804538 Datasheet HTML 1Page - PHOENIX CONTACT 0804538 Datasheet HTML 2Page - PHOENIX CONTACT 0804538 Datasheet HTML 3Page - PHOENIX CONTACT 0804538 Datasheet HTML 4Page - PHOENIX CONTACT 0804538 Datasheet HTML 5Page - PHOENIX CONTACT 0804538 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Notes
Note on application
For the THERMOMARK ROLL and THERMOMARK ROLL 2.0
roll printers, this material can only be processed with an external
media hub.
Material information
The specified minimum wire diameter of the shrink sleeve refers
to its use as a marking material and does not guarantee any
insulation characteristics once shrunk.
 
Depending on the processed material batch, as well as the
storage and processing conditions, the maximum insertable wire
diameter may be reduced.
Product properties
Product type
Shrink sleeve
Area of application
Railway industry
Marking
Number of individual labels
1
Identification technology
Thermal transfer for rolls
Dimensions
Width
60 mm
Length of roll
15.00 m
External dimensions
Outside diameter
19.1 mm ... 38.1 mm
Text field
Text field width
15000 mm
Text field height
60 mm
Material specifications
Color
yellow (RAL 1018)
Material
Polyolefine
Base element material
polyolefine
Shrink rate
2:1
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Components
halogen-free
Shrink temperature
> 90 °C
Cable/line
External cable diameter
19.1 mm ... 38.1 mm
Environmental and real-life conditions
WMS-2 HF 38,1 (EX60)R YE - Shrink sleeve
0804538
https://www.phoenixcontact.com/us/products/0804538
Jul 31, 2025, 6:30AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com