Electronic Components Datasheet Search
  English  ▼

X  

TLV2475IPWPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2475IPWPR
Description  FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2475IPWPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV2475IPWPR Datasheet HTML 11Page - Texas Instruments TLV2475IPWPR Datasheet HTML 12Page - Texas Instruments TLV2475IPWPR Datasheet HTML 13Page - Texas Instruments TLV2475IPWPR Datasheet HTML 14Page - Texas Instruments TLV2475IPWPR Datasheet HTML 15Page - Texas Instruments TLV2475IPWPR Datasheet HTML 16Page - Texas Instruments TLV2475IPWPR Datasheet HTML 17Page - Texas Instruments TLV2475IPWPR Datasheet HTML 18Page - Texas Instruments TLV2475IPWPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
_
+
RNULL
RL
CL
APPLICATION INFORMATION
DRIVING A CAPACITIVE LOAD
CLOAD
RF
Input
Output
RG
RNULL
_
+
OFFSET VOLTAGE
V
OO + VIO
1 )
R
F
R
G
" IIB) RS 1 )
R
F
R
G
" IIB* RF
+
−
VI
+
RG
RS
RF
IIB−
VO
IIB+
TLV2470,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232E – JUNE 1999 – REVISED JULY 2007
Figure 41.
When the amplifier is configured in this manner, capacitive loading directly on the output will decrease the
device phase margin leading to high-frequency ringing or oscillations. Therefore, for capacitive loads of greater
than 10pF, it is recommended that a resistor (RNULL) be placed in series with the output of the amplifier, as
shown in Figure 42. A minimum value of 20
Ω should work well for most applications.
Figure 42. Driving a Capacitive Load
The output offset voltage (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset voltage:
Figure 43. Output Offset Voltage Model
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com