Electronic Components Datasheet Search
  English  ▼

X  

86901 Datasheet(PDF) 2 Page - Bondhus Corporation.

Part # 86901
Description  HandyHex™ Adjustable Handle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BONDHUS [Bondhus Corporation.]
Direct Link  https://bondhus.com/
Logo BONDHUS - Bondhus Corporation.

86901 Datasheet(HTML) 2 Page - Bondhus Corporation.

  86901 Datasheet HTML 1Page - Bondhus Corporation. 86901 Datasheet HTML 2Page - Bondhus Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART #
SIZE
QTY
LIST PRICE
86900
.028-5/64” + 1.27-2.0mm
1
86901
3/32-7/64” + 2.5mm
1
86902
1/8-9/64” + 3.0-3.5mm
1
Handles
Only
PART #
SIZE
QTY
LIST PRICE
87900
.028
1
87901
.035
1
87902
.050
1
87903
1/16
1
87904
5/64
1
87905
3/32
1
87906
7/64
1
87907
1/8
1
87908
9/64
1
Inch
Sets
Singles
.028
2.6
66
0200
1
.035
2.6
66
0201
1
.050
2.6
66
0202
1
1/16
2.8
71
0203
1
5/64
3.0
76
0204
1
3/32
4.0 103
0205
1
7/64
4.3 109
0206
1
1/8
4.5 115
0207
1
9/64
4.8 122
0208
1
5/64
5.9 150
1104
1
3/32
5.9 150
1105
1
7/64
5.9 150
1106
1
1/8
5.9 150
1107
1
9/64
5.9 150
1108
1
5/64
8.9 226
1204
1
3/32
8.9 226
1205
1
7/64
8.9 226
1206
1
1/8
8.9 226
1207
1
9/64
8.9 226
1208
1
Inch
Hex Blades
SIZE INCH
MM
PART#
QTY
LIST EA
PACKAGED
SINGLE PACKAGING
Singles
1.5
2.8
70
0250
1
2.0
3.8
98
0252
1
2.5
4.2 107
0254
1
3.0
4.6 118
0256
1
2.0
5.9 150
1152
1
2.5
5.9 150
1154
1
3.0
5.9 150
1156
1
2.0
8.9 226
1252
1
2.5
8.9 226
1254
1
3.0
8.9 226
1256
1
Metric
Hex Blades
SIZE INCH
MM
PART#
QTY
LIST EA
PACKAGED
SINGLE PACKAGING
#91423.99
©2018 Bondhus Corporation
Bondhus, Protanium, ProGuard and HandyHex are trademarks of Bondhus Corporation.
MADE IN USA
HandyHex™
Adjustable Handle
Corrosion-resistant finish
High Torque Steel
Distributed by:
Bondhus Corporation
1400 E Broadway • PO Box 660 • Monticello, MN 55362
Tel: 763-295-2162 • Toll Free: 800-328-8310 • Fax: 763-295-4440
Longer length blades are available. E-mail
cservice@bondhus.com for information.
A thumb screw located conveniently
at the front of the handle can be
tightened to hold the blade or hex
wrench solidly in position
The handle allows the
user to infinitely adjust the
distance the blade extends
from the handle because
the hole in the handle
extends all the way through
the handle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com