Electronic Components Datasheet Search
  English  ▼

X  

P1064591 Datasheet(PDF) 13 Page - Mersen

Part # P1064591
Description  HelioProtection® HP15NH Photovoltaic fuse-links gPV 1500VDC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

P1064591 Datasheet(HTML) 13 Page - Mersen

Back Button P1064591 Datasheet HTML 9Page - Mersen P1064591 Datasheet HTML 10Page - Mersen P1064591 Datasheet HTML 11Page - Mersen P1064591 Datasheet HTML 12Page - Mersen P1064591 Datasheet HTML 13Page - Mersen P1064591 Datasheet HTML 14Page - Mersen P1064591 Datasheet HTML 15Page - Mersen P1064591 Datasheet HTML 16Page - Mersen P1064591 Datasheet HTML 17Page - Mersen Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
HelioProtection® HP15NH
Photovoltaic fuse-links gPV 1500VDC
Special Purpose Fuses / DS-LFPVHP15NH-10-0922_EN
EP.MERSEN.COM
13
© 2021 Mersen. All rights reserved. Mersen reserves the right to change, adapt, limit or discontinue its products. Therefore
the data provided herein are for information only and are not contractually binding. To ensure that Mersen provides the best
solution to your needs, please contact and provide Mersen with all relevant technical specifications and conditions.
DIMENSIONS
+2.5
205
-2
+0.7
123
-1.3
163.2 ± 2
(127,8)
176.2 ± 2
=
=
6 ± 0,2
70 ± 1,4
Special purpose gPV fuse-link size 3L Direct Mounting without striker and without lugs
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com