Electronic Components Datasheet Search
  English  ▼

X  

1710331 Datasheet(PDF) 2 Page - Theben AG

Part # 1710331
Description  Time and light control Digital time switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG

1710331 Datasheet(HTML) 2 Page - Theben AG

  1710331 Datasheet HTML 1Page - Theben AG 1710331 Datasheet HTML 2Page - Theben AG 1710331 Datasheet HTML 3Page - Theben AG 1710331 Datasheet HTML 4Page - Theben AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SELEKTA 171 top3 RC
Item no.: 1710331
Subject to technical changes and misprints
additional information at: www.theben.de/product/1710331
The load data are determined with exemplary selected illuminants and are therefore typical data due to the large
number of available products.
Description
- 10 year power reserve (lithium battery)
- Zero-cross switching for relay-saving switching and high lamp loads
(not with 24 V devices)
- Calculated astronomical switching times
- Programmable ON-OFF switching times
- Switching preselection
- Permanent switching ON/OFF
- Integrated operating hour counter
- Reset option
- Service function for monitoring maintenance intervals
- Holiday program
- Display back light (can be turned off)
- PIN coding
- Automatic summer/winter time changeover
- can be deactivated
- Date rule options are already stored for Europe, the USA and other
countries
- own date rule options or changeover around set dates are available
Technical data
SELEKTA 171 top3 RC
Operating voltage
110 - 230 V AC
Frequency
50 - 60 Hz
Width
2 modules
Installation type
DIN rail
Type of contact
Changeover contact
Switching output
Phase-independent
Opening width
< 3 mm (µ)
Program
Weekly program, Astronomical
program
Program functions
ON-OFF, Pulse
Number of channels
1
Number of memory locations
84
Power reserve
10 years
Switching capacity at 250 V AC, cos φ
= 1
16 A
Switching capacity at 250 V AC, cos φ
= 0,6
10 A
Incandescent/halogen lamp load
2600 W
Energy saving lamps
1100 W
LED lamp < 2 W
50 W
LED lamp 2-8 W
600 W
LED lamp > 8 W
600 W
SELEKTA 171 top3 RC
Fluorescent lamp load (conventional)
not corrected
2600 VA
Fluorescent lamp load (conventional)
series-corrected
2600 VA
Inrush current
max. 800 A / 200 µs
Switching capacity min.
ca. 10 mA
Shortest switching times
1 min
Time accuracy at 25 °C
typical ± 0,25 s/day (quartz) or
DCF77/GPS
Time basis
Quartz/DCF77/GNSS
Stand-by consumption
~0.75 W
Type of connection
DuoFix spring terminals
Externe Antenne anschließbar
✓
Display
LCD
Keyboards
4 touch buttons
Housing and insulation material
High-temperature resistant, self-
extinguishing thermoplastic
Type of protection
IP 20
Protection class
II according to EN 60 730-1
Ambient temperature
-30°C ... 55°C
07/04/2025
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com