Electronic Components Datasheet Search
  English  ▼

X  

16EDH02-M3 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 16EDH02-M3
Description  Hyperfast Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

16EDH02-M3 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  16EDH02-M3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 16EDH02-M3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hyperfast Diode
16EDH02-M3
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop
· Low Leakage Current
· Hyperfast Recovery Time
APPLICATIONS
· SMPS
· DC/DC Converter
· Choppers Motor Drives
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current
16
A
IFSM
Non-repetitive Peak Surge Current
(6ms square pulse)
250
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.4
℃
/W
2
2
3
1


Similar Part No. - 16EDH02-M3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
16EDH02HM3 ISC-16EDH02HM3 Datasheet
327Kb / 2P
Hyperfast Diode
More results

Similar Description - 16EDH02-M3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC15-600 NXP-BYC15-600 Datasheet
70Kb / 10P
Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 NXP-BYC20-600 Datasheet
70Kb / 10P
Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC10X-600.127 NXP-BYC10X-600.127 Datasheet
75Kb / 10P
Rectifier diode, hyperfast
Rev. 02-16 January 2008
BYC5X-600 PHILIPS-BYC5X-600_15 Datasheet
73Kb / 10P
Rectifier diode hyperfast
Rev. 01-3 September 2007
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
Hyperfast power diode
10 February 2014
BYC15X-600 PHILIPS-BYC15X-600_15 Datasheet
74Kb / 10P
Rectifier diode, hyperfast
Rev. 01-29 November 2007
BYC20-600 PHILIPS-BYC20-600_15 Datasheet
70Kb / 10P
Rectifier diode, hyperfast
Rev. 01-28 November 2007
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
Hyperfast power diode
10 February 2014
logo
Inchange Semiconductor ...
RHRG30120 ISC-RHRG30120 Datasheet
372Kb / 2P
Hyperfast Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com