Electronic Components Datasheet Search
  English  ▼

X  

ADL5372 Datasheet(PDF) 30 Page - Analog Devices

Part # ADL5372
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADL5372 Datasheet HTML 24Page - Analog Devices ADL5372 Datasheet HTML 25Page - Analog Devices ADL5372 Datasheet HTML 26Page - Analog Devices ADL5372 Datasheet HTML 27Page - Analog Devices ADL5372 Datasheet HTML 28Page - Analog Devices ADL5372 Datasheet HTML 29Page - Analog Devices ADL5372 Datasheet HTML 30Page - Analog Devices ADL5372 Datasheet HTML 31Page - Analog Devices ADL5372 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADL5375
Rev. 0 | Page 30 of 32
F-MOD TEST RACK
SINGLE-TO-DIFFERENTIAL
CIRCUIT BOARD
Q IN DCCM
AGND
I IN DCCM
VN1
VP1
I IN AC
Q IN AC
VPOS +5V
LO
0°
90°
IQ
QP
QN
AGILENT 34401A
MULTIMETER
0.200 ADC
AGILENT E3631A
POWER SUPPLY
5.000
0.350A
COM
6V
±25V
+
–
+ –
AGILENT E3631A
POWER SUPPLY
0.500
0.010A
COM
VCM = 0.5V
6V
±25V
+
–
+ –
ROHDE & SCHWARTZ
FSEA 30 SPECTRUM ANALYZER
100MHz TO 4GHz
+6dBm
RF
IN
TEKTRONIX AFG3252
DUAL FUNCTION
ARBITRARY FUNCTION GENERATOR
1MHz
AMPL 700mV p-p
PHASE 0°
1MHz
AMPL 700mV p-p
PHASE 90°
CH1
CH2
RF
OUT
ROHDE & SCHWARTZ SMT 06
SIGNAL GENERATOR
FREQ 4MHz TO 4GHz
LEVEL 0dBm
IN1
IN1
TSEN
GND
VPOSB VPOSA
IP
IN
IP
IN
QP
QN
LO
OUT
OUTPUT
GND
VPOS
+5V
VPOS +5V
–5V
F-MOD
CHAR BD
Figure 75. Setup for Baseband Frequency Sweep and Undesired Sideband Nulling
The setup used to evaluate baseband frequency sweep and
undesired sideband nulling of the ADL5375 is shown in Figure 75.
The interface board has circuitry that converts the single-ended
I input and Q input from the arbitrary function generator to
differential I and Q baseband signals with a dc bias of 500 mV
(ADL5375-05) or 1500mV (ADL5375-15). Undesired sideband
nulling was achieved through an iterative process of adjusting
amplitude and phase on the Q-channel. See the Sideband
Suppression Optimization section for a detailed description
on sideband nulling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com