Electronic Components Datasheet Search
  English  ▼

X  

45APF06L-M3 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 45APF06L-M3
Description  Fast Soft Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

45APF06L-M3 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  45APF06L-M3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 45APF06L-M3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Soft Recovery Diode
45APF06L-M3
www.iscsemi.com
1
FEATURES
· Short Reverse Recovery Time
· Very Low Forward Voltage
· Glass Passivated Pellet Chip Junction
APPLICATIONS
· DC Charging Stations
· Output Rectification and Freewheeling in Inverters,
Choppers and Converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
45
A
IFSM
Non-repetitive Peak Surge Current
(Surge applied at rated load conditions
half-wave, single phase, 60Hz)
550
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.4
℃
/W
file:///C:/Users/ADMINI~1/AppDa
ta/Local/Temp/QQ_17319845610
15.png


Similar Part No. - 45APF06L-M3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
45APS08L-M3 ISC-45APS08L-M3 Datasheet
336Kb / 2P
High Voltage Input Rectifier Diode
45APS12L-M3 ISC-45APS12L-M3 Datasheet
336Kb / 2P
High Voltage Input Rectifier Diode
45APS12LHM3 ISC-45APS12LHM3 Datasheet
336Kb / 2P
High Voltage Input Rectifier Diode
45APS16L-M3 ISC-45APS16L-M3 Datasheet
336Kb / 2P
High Voltage Input Rectifier Diode
45APS16LHM3 ISC-45APS16LHM3 Datasheet
336Kb / 2P
High Voltage Input Rectifier Diode
More results

Similar Description - 45APF06L-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
SanRex Corporation
DBA200UA60 SANREX-DBA200UA60 Datasheet
128Kb / 2P
Fast & Soft Recovery Diode
logo
International Rectifier
85EPF IRF-85EPF Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
SanRex Corporation
DBA100UA40 SANREX-DBA100UA40 Datasheet
115Kb / 2P
Fast & Soft Recovery Diode
DBA100UA60 SANREX-DBA100UA60 Datasheet
120Kb / 2P
Fast & Soft Recovery Diode
DBA200UA40 SANREX-DBA200UA40 Datasheet
120Kb / 2P
Fast & Soft Recovery Diode
logo
International Rectifier
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
HFA45HI60C IRF-HFA45HI60C Datasheet
73Kb / 2P
ULTRA FAST, SOFT RECOVERY DIODE
HFA45HI120C IRF-HFA45HI120C Datasheet
82Kb / 2P
ULTRA FAST, SOFT RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com