Electronic Components Datasheet Search
  English  ▼

X  

ADL5373 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5373
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5373 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5373 Datasheet HTML 17Page - Analog Devices ADL5373 Datasheet HTML 18Page - Analog Devices ADL5373 Datasheet HTML 19Page - Analog Devices ADL5373 Datasheet HTML 20Page - Analog Devices ADL5373 Datasheet HTML 21Page - Analog Devices ADL5373 Datasheet HTML 22Page - Analog Devices ADL5373 Datasheet HTML 23Page - Analog Devices ADL5373 Datasheet HTML 24Page - Analog Devices ADL5373 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADL5375
Rev. 0 | Page 21 of 32
OUTPUT DISABLE
The ADL5375 incorporates an output disable pin feature that
shuts down the output amplifier stage to isolate the modulator
from the load. This feature is enabled (output is disabled) when
the voltage on the DSOP exceeds 2 V. The feature is disabled
(output not enabled) when the DSOP pin is either tied to
ground or left unconnected.
Asserting DSOP further reduces LO leakage (see Figure 27 and
Figure 52) and drives the broadband noise of the device down
to just above the KT (thermal) noise level. Asserting DSOP also
reduces the supply current of the ADL5375 from 200 mA to
131 mA.
The time delay between when the DSOP pin is forced to ground
and the output power is restored is approximately 200 ns. The
time delay between when the DSOP pin is forced to the positive
supply voltage and the output shuts off is under 100 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com