Electronic Components Datasheet Search
  English  ▼

X  

45EPF06LHM3 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 45EPF06LHM3
Description  Fast Soft Recovery Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

45EPF06LHM3 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  45EPF06LHM3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 45EPF06LHM3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Soft Recovery Rectifier Diode
45EPF06LHM3
www.iscsemi.com
1
FEATURES
· Flexible Solution For Reliable AC Power Rectification
· Very Low Forward Voltage Drop
· Glass Passivated Pellet Chip Junction
APPLICATIONS
· Renewable Energy Inverters
· EV/HEV Battery Chargers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
45
A
IFSM
Non-repetitive Peak Surge Current
10ms Sine Pulse
550
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.4
℃
/W
1 3


Similar Part No. - 45EPF06LHM3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
45EPF06L-M3 ISC-45EPF06L-M3 Datasheet
289Kb / 2P
Fast Soft Recovery Rectifier Diode
More results

Similar Description - 45EPF06LHM3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
Fast Soft Recovery Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com