Electronic Components Datasheet Search
  English  ▼

X  

ADL5374 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5374
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5374 Datasheet(HTML) 2 Page - Analog Devices

  ADL5374 Datasheet HTML 1Page - Analog Devices ADL5374 Datasheet HTML 2Page - Analog Devices ADL5374 Datasheet HTML 3Page - Analog Devices ADL5374 Datasheet HTML 4Page - Analog Devices ADL5374 Datasheet HTML 5Page - Analog Devices ADL5374 Datasheet HTML 6Page - Analog Devices ADL5374 Datasheet HTML 7Page - Analog Devices ADL5374 Datasheet HTML 8Page - Analog Devices ADL5374 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADL5375
Rev. 0 | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
ADL5375-05.................................................................................. 9
ADL5375-15................................................................................ 14
Theory of Operation ...................................................................... 19
Circuit Description..................................................................... 19
Basic Connections .......................................................................... 20
Power Supply and Grounding................................................... 20
Baseband Inputs.......................................................................... 20
LO Input ...................................................................................... 20
RF Output.................................................................................... 20
Output Disable............................................................................ 21
Optimization ................................................................................... 22
Applications Information .............................................................. 23
DAC Modulator Interfacing ..................................................... 23
Using the AD9779 Auxiliary DAC for Carrier Feedthrough
Nulling ......................................................................................... 24
GSM/EDGE Operation ............................................................. 25
W
-CDMA Operation................................................................. 25
LO Generation Using PLLs ....................................................... 26
Transmit DAC Options ............................................................. 26
Modulator/Demodulator Options ........................................... 26
Evaluation Board ............................................................................ 27
Thermal Grounding and Evaluation Board Layout............... 28
Characterization Setup .................................................................. 29
Outline Dimensions ....................................................................... 31
Ordering Guide .......................................................................... 31
REVISION HISTORY
12/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com