Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL080 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC12DL080
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 3Page - Texas Instruments ADC12DL080 Datasheet HTML 4Page - Texas Instruments ADC12DL080 Datasheet HTML 5Page - Texas Instruments ADC12DL080 Datasheet HTML 6Page - Texas Instruments ADC12DL080 Datasheet HTML 7Page - Texas Instruments ADC12DL080 Datasheet HTML 8Page - Texas Instruments ADC12DL080 Datasheet HTML 9Page - Texas Instruments ADC12DL080 Datasheet HTML 10Page - Texas Instruments ADC12DL080 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ADC12DL080
www.ti.com
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VA, VD, VDR
4.2V
|VA–VD|
≤ 100 mV
Voltage on Any Input or Output Pin
−0.3V to (VA or VD +0.3V)
Input Current at Any Pin(4)
±25 mA
Package Input Current(4)
±50 mA
Package Dissipation at TA = 25°C
See(5)
ESD Susceptibility
Human Body Model(6)
2500V
Machine Model(6)
250V
Charge Device Model
750V
Soldering Temperature, Infrared, 10 sec.(7)
235°C
Storage Temperature
−65°C to +150°C
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.(7)
(1)
All voltages are measured with respect to GND = AGND = DGND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies
with an input current of 25 mA to two.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature, (TA), and can be calculated using the formula
PDMAX = (TJmax - TA )/θJA. In the 64-pin TQFP, θJA is 50°C/W, so PDMAX = 2 Watts at 25°C and 800 mW at the maximum operating
ambient temperature of 85°C. Note that the power consumption of this device under normal operation will typically be about 497 mW
(447 typical power consumption + 50 mW TTL output loading). The values for maximum power dissipation listed above will be reached
only when the device is operated in a severe fault condition (e.g. when input or output pins are driven beyond the power supply
voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
(7)
Reflow Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
(1) (2)
Operating Temperature
−40°C ≤ TA ≤ +85°C
Supply Voltage (VA, VD)
+3.0V to +3.6V
Output Driver Supply (VDR)
+2.4V to VD
CLK, PD, OF/DOEN, OEA/OF, OEB/DRDY
−0.05V to (VD + 0.05V)
Analog Input Pins
0V to 2.6V
VCM
1.0V to 2.0V
|AGND–DGND|
≤100mV
Clock Duty Cycle (DCS On)
30% to 70%
Clock Duty Cycle (DCS Off)
40% to 60%
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = AGND = DGND = 0V, unless otherwise specified.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com