Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL040 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC12DL040
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL040 Datasheet(HTML) 4 Page - Texas Instruments

  ADC12DL040 Datasheet HTML 1Page - Texas Instruments ADC12DL040 Datasheet HTML 2Page - Texas Instruments ADC12DL040 Datasheet HTML 3Page - Texas Instruments ADC12DL040 Datasheet HTML 4Page - Texas Instruments ADC12DL040 Datasheet HTML 5Page - Texas Instruments ADC12DL040 Datasheet HTML 6Page - Texas Instruments ADC12DL040 Datasheet HTML 7Page - Texas Instruments ADC12DL040 Datasheet HTML 8Page - Texas Instruments ADC12DL040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
VA
VA
VA
VA
AGND
AGND
VA
AGND
VA
AGND
ADC12DL080
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
15
VINA+
2
VINB+
Differential analog input pins. With a 1.0V reference voltage the
differential full-scale input signal level is 2.0 VP-P with each input pin
voltage centered on a common mode voltage, VCM. The negative
16
VINA−
input pins may be connected to VCM for single-ended operation, but
1
VINB−
a differential input signal is required for best performance.
This pin is used in conjunction with REFSEL/DCS (pin 11) to select
the internal 1.0V reference, or as the external reference input.
If VREF is tied HIGH, the internal 1.0V reference is selected.
REFSEL/DCS must be LOW or tied to VRMA or VRMB.
If a voltage in the range of 0.8V to 1.2V is applied to this pin, that
7
VREF
voltage is used as the reference. VREF should be bypassed to AGND
with a 0.1 µF low ESL capacitor when an external reference is used.
The nominal external reference voltage is 1.0V but values in the
range of 0.8V to 1.2V may be used. REFSEL/DCS must be HIGH or
REFSEL/DCStied to VRMA or VRMB.
See Table 3 in for more information.
This pin is used in conjunction with VREF (pin 7) to select the
reference source and turn the Duty Cycle Stabilizer (DCS) on or off.
When REFSEL/DCS is LOW and VREF is HIGH, the internal 1.0V
reference is selected and DCS is On.
11
REFSEL/DCS
When REFSEL/DCS is HIGH, an external reference voltage in the
range of 0.8V to 1.2V should be applied to the VREF input. DCS is
On.
With this pin connected to VRMA or VRMB, DCS is Off.
See Table 3 in REFSEL/DCS for more information.
13
VRPA
5
VRPB
14
VRMA
4
VRMB
These are reference bypass pins. These pins should each be
bypassed to ground with a 0.1 µF capacitor. A 10 µF capacitor
should be placed between the VRPA and VRNA pins and between the
VRPB and VRNB pins.
12
VRNA
These pins should not be loaded.
6
VRNB
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com