Electronic Components Datasheet Search
  English  ▼

X  

ADS1242IPWT Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1242IPWT
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1242IPWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1242IPWT Datasheet HTML 4Page - Texas Instruments ADS1242IPWT Datasheet HTML 5Page - Texas Instruments ADS1242IPWT Datasheet HTML 6Page - Texas Instruments ADS1242IPWT Datasheet HTML 7Page - Texas Instruments ADS1242IPWT Datasheet HTML 8Page - Texas Instruments ADS1242IPWT Datasheet HTML 9Page - Texas Instruments ADS1242IPWT Datasheet HTML 10Page - Texas Instruments ADS1242IPWT Datasheet HTML 11Page - Texas Instruments ADS1242IPWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ADS1242, 1243
8
SBAS235H
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
All specification VDD = +5V, fOSC = 2.4576MHz, PGA = 1, fDATA = 15Hz, and VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
50
0
–50
–100
–150
–200
OFFSET vs TEMPERATURE
(Cal at 25
°C)
PGA1
PGA128
PGA64
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
PGA16
1.00010
1.00006
1.00002
0.99998
0.99994
0.99990
0.99986
GAIN vs TEMPERATURE
(Cal at 25
°C)
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
10
8
6
4
2
0
–2
–4
–6
–8
–10
INTEGRAL NONLINEARITY vs INPUT SIGNAL
V
IN (V)
–2.5 –2.0
–1.0 –0.5
–1.5
0
0.5
1.0
1.5
2.0
2.5
–40
°C
+25
°C
+85
°C
260
250
240
230
220
210
200
190
CURRENT vs TEMPERATURE
(Buffer Off)
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
350
300
250
200
150
100
50
0
–50
CURRENT vs VOLTAGE
V
DD (V)
3.0
3.25
3.5
3.75
4.0
4.25
4.5
4.75
5.0
Normal
4.91MHz
Normal
2.45MHz
SLEEP
4.91MHz
SLEEP
2.45MHz
Power Down
300
250
200
150
100
50
0
SUPPLY CURRENT vs SUPPLY
V
DD (V)
3.0
3.5
4.0
4.5
5.0
Normal
4.91MHz
Normal
2.45MHz
SLEEP
2.45MHz
Power Down
SLEEP
4.91MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com