Electronic Components Datasheet Search
  English  ▼

X  

ADS5277 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5277
Description  8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5277 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5277 Datasheet HTML 17Page - Texas Instruments ADS5277 Datasheet HTML 18Page - Texas Instruments ADS5277 Datasheet HTML 19Page - Texas Instruments ADS5277 Datasheet HTML 20Page - Texas Instruments ADS5277 Datasheet HTML 21Page - Texas Instruments ADS5277 Datasheet HTML 22Page - Texas Instruments ADS5277 Datasheet HTML 23Page - Texas Instruments ADS5277 Datasheet HTML 24Page - Texas Instruments ADS5277 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
RESET
LAYOUT OF PCB WITH PowerPAD
POWER-DOWN MODE
CONNECTING HIGH-SPEED,
ADS5271
www.ti.com...................................................................................................................................................... SBAS313C – JUNE 2004 – REVISED JANUARY 2009
are kept to the minimum possible values. Use of
ground planes in the board as well as large
After the supplies have stabilized, it is necessary to
decoupling
capacitors
between
the
supply
and
give the device an active RESET pulse. This results
ground lines are necessary to get the best possible
in all internal registers resetting to their default value
SNR from the device.
of 0 (inactive). Without a reset, it is possible that
It is recommended that the isolation be maintained on
some registers may be in their non-default state on
board by using separate supplies to drive AVDD and
power-up. This may cause the device to malfunction.
LVDD, as well as separate ground planes for AVSS
When a reset is active, the device outputs ‘0’ code on
and LVSS.
all channels. However, the LVDS output clocks are
unaffected by reset.
The use of LVDS buffers reduces the injected noise
considerably,
compared
to
CMOS
buffers.
The
current in the LVDS buffer is independent of the
THERMALLY-ENHANCED PACKAGES
direction of switching. Also, the low output swing as
well as the differential nature of the LVDS buffer
The ADS5271 is housed in an 80-lead PowerPAD
results in low-noise coupling.
thermally-enhanced package. To make optimum use
of
the
thermal
efficiencies
designed
into
the
PowerPAD package, the printed circuit board (PCB)
must be designed with this technology in mind.
The ADS5271 has a power-down pin, referred to as
Please refer to SLMA004 PowerPAD brief PowerPAD
PD. Pulling PD high causes the device to enter the
Made Easy (refer to our web site at www.ti.com),
power-down mode. In this mode, the reference and
which addresses the specific considerations required
clock circuitry, as well as all the channels, are
when integrating a PowerPAD package into a PCB
powered down. Device power consumption drops to
design. For more detailed information, including
less than 100mW in this mode. In power-down mode,
thermal modeling and repair procedures, please see
the internal buffers driving REFT and REFB are
the
technical
brief
SLMA002,
PowerPAD
tri-stated and their outputs are forced to a voltage
Thermally-Enhanced Package (www.ti.com).
roughly equal to half of the voltage on AVDD. Speed
of recovery from power-down mode depends on the
Interfacing High-Speed LVDS Outputs (SBOA104),
value of the external capacitance on the REFT and
an application report discussing the design of a
REFB pins. For capacitances on REFT and REFB less
simple deserializer that can deserialize LVDS outputs
than 1
µF, the reference voltages settle to within 1%
up to 840Mbps, can also be found on the TI web site
of their steady-state values in less than 500
µs.
(www.ti.com).
Individual channels can also be selectively powered
down by programming registers.
MULTI-CHANNEL ADCs TO XILINX FPGAs
The ADS5271 also has an internal circuit that
monitors the state of stopped clocks. If ADCLK is
A separate application note (XAPP774) describing
stopped for longer than 300ns (or if it runs at a speed
how to connect TI's high-speed, multi-channel ADCs
less than 3MHz), this monitoring circuit generates a
with serial LVDS outputs to Xilinx FPGAs can be
logic signal
that
puts
the
device
in
a
partial
downloaded
directly
from
the
Xilinx
web
site
power-down
state.
As
a
result,
the
power
(http://www.xilinx.com).
consumption of the device is reduced when ADCLK is
stopped.
The
recovery
from
such
a
partial
power-down takes ap- proximately 100
µs; this is
described in Table 2.
Table 2. Time Constraints Associated with Device Recovery from Power-Down and Clock Stoppage
DESCRIPTION
TYP
REMARKS
Recovery from power-down mode (PD = 1 to PD = 0).
500
µs
Capacitors on REFT and REFB less than 1µF.
Recovery from momentary clock stoppage ( < 300ns).
10
µs
Recovery from extended clock stoppage ( > 300ns).
100
µs
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com