Electronic Components Datasheet Search
  English  ▼

X  

ADS8370 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS8370
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8370 Datasheet HTML 4Page - Texas Instruments ADS8370 Datasheet HTML 5Page - Texas Instruments ADS8370 Datasheet HTML 6Page - Texas Instruments ADS8370 Datasheet HTML 7Page - Texas Instruments ADS8370 Datasheet HTML 8Page - Texas Instruments ADS8370 Datasheet HTML 9Page - Texas Instruments ADS8370 Datasheet HTML 10Page - Texas Instruments ADS8370 Datasheet HTML 11Page - Texas Instruments ADS8370 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
85
86
87
88
89
90
91
2.5
3
3.5
4
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
fi = 1 kHz,
TA = 25°C
85
86
87
88
89
90
91
2.5
3
3.5
4
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
fi = 1 kHz,
TA = 25°C
Vref − Reference Voltage − V
111
112
113
114
115
116
117
118
119
120
2.5
3
3.5
4
+VA = 5 V,
+VBD = 5 V,
fi = 1 kHz,
TA = 25°C
−112
−111
−110
−109
−108
−107
−106
2.5
3
3.5
4
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
fi = 1 kHz,
TA = 25°C
13.9
14
14.1
14.2
14.3
14.4
14.5
14.6
2.5
3
3.5
4
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
fi = 1 kHz,
TA = 25°C
14.2
14.3
14.4
14.5
14.6
14.7
−40 −25 −10
5
20
35
50
65
80
TA − Free-Air-Temperature − 5C
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V,
fi = 1 kHz,
ADS8370
SLAS450 – JUNE 2005
SIGNAL-TO-NOISE
SIGNAL-TO-NOISE RATIO
AND DISTORTION
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 1.
Figure 2.
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 3.
Figure 4.
EFFECTIVE NUMBER OF BITS
EFFECTIVE NUMBER OF BITS
vs
vs
REFERENCE VOLTAGE
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com