Electronic Components Datasheet Search
  English  ▼

X  

ADS8370IRHPR Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS8370IRHPR
Description  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IRHPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS8370IRHPR Datasheet HTML 18Page - Texas Instruments ADS8370IRHPR Datasheet HTML 19Page - Texas Instruments ADS8370IRHPR Datasheet HTML 20Page - Texas Instruments ADS8370IRHPR Datasheet HTML 21Page - Texas Instruments ADS8370IRHPR Datasheet HTML 22Page - Texas Instruments ADS8370IRHPR Datasheet HTML 23Page - Texas Instruments ADS8370IRHPR Datasheet HTML 24Page - Texas Instruments ADS8370IRHPR Datasheet HTML 25Page - Texas Instruments ADS8370IRHPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
www.ti.com
ADS8370
+IN
−IN
THS4031
20 W
20 W
1.5 nF
50 W
Input
Signal
(0 V to 4 V)
ADS8370
+IN
−IN
THS4031
20 W
20 W
1.5 nF
600 W
1 V DC
600 W
Input
Signal
(−2V to 2 V)
DIGITAL INTERFACE
TIMING AND CONTROL
ADS8370
SLAS450 – JUNE 2005
PRINCIPLES OF OPERATION (continued)
signals. Essentially, the current into the ADS8370 charges the internal capacitor array during the sampling
(acquisition) time. After this capacitance has been fully charged, there is no further input current. The source of
the analog input voltage must be able to charge the device sampling capacitance (40 pF each from +IN/–IN to
AGND) to an 16-bit settling level within the sampling (acquisition) time of the device. When the converter goes
into hold mode, the input resistance is greater than 1 G
Ω.
Care must be taken regarding the absolute analog input voltage. To maintain the linearity of the converter, the
+IN, –IN inputs and the span [+IN – (–IN)] should be within the limits specified. Outside of these ranges, the
converter's linearity may not meet specifications.
Care should be taken to ensure that the output impedance of the sources driving +IN and –IN inputs are
matched. If this is not observed, the two inputs can have different settling times. This can result in offset error,
gain error, and linearity error which vary with temperature and input voltage.
A typical input circuit using TI's THS4031 is shown in Figure 52. In the figure, input from a bipolar source is
converted to a unipolar signal for the ADS8370. In the case where the source signal is in range for the
ADS8370, the circuit in Figure 51 may be used. Most of the specified performance figure were measured using
the circuit in Figure 51.
Figure 51. Unipolar Input Drive Configuration
Figure 52. Bipolar Input Drive Configuration
Conversion and sampling are controlled by the CONVST and CS pins. See the timing diagrams for detailed
information on timing signals and their requirements. The ADS8370 uses an internally generated clock to control
the conversion rate and in turn the throughput of the converter. SCLK is used for reading converted data only. A
clean and low jitter conversion start command is important for the performance of the converter. There is a
minimal quiet zone requirement around the conversion start command as mentioned in the timing requirements
table.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com