Electronic Components Datasheet Search
  English  ▼

X  

0830207 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830207
Description  UCT-WMS 3,2 (12X4) BU CUS - Wire marking tag
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830207 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830207 Datasheet HTML 1Page - PHOENIX CONTACT 0830207 Datasheet HTML 2Page - PHOENIX CONTACT 0830207 Datasheet HTML 3Page - PHOENIX CONTACT 0830207 Datasheet HTML 4Page - PHOENIX CONTACT 0830207 Datasheet HTML 5Page - PHOENIX CONTACT 0830207 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Wire marking tag, Sheet, can be ordered: by sheet, blue, labeled according to customer
specifications, cable diameter range: 1.5 ... 3.2 mm, mounting type: slide-on, for terminal block
width: 5.2 mm, Number of individual labels: 55, text field height: 4 mm, text field width: 12 mm
Your advantages
The UCT-WMS ... UniCard labeling range includes markers that can be threaded onto conductors
•
The sheets provide space for including function texts
•
The markers support multi-line labeling
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0830207
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8128
GTIN
4046356629911
Weight per piece (including packing)
14.688 g
Weight per piece (excluding packing)
14.688 g
Country of origin
PL
UCT-WMS 3,2 (12X4) BU CUS - Wire marking tag
0830207
https://www.phoenixcontact.com/us/products/0830207
Jul 31, 2025, 5:24AM
Page 1 (6)


Similar Part No. - 0830207

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830200 PHOENIX-0830200 Datasheet
197Kb / 6P
UCT-WMS 3,2 (12X4) OG - Wire marking tag
0830201 PHOENIX-0830201 Datasheet
191Kb / 5P
UCT-WMS 3,2 (12X4) VT - Wire marking tag
0830202 PHOENIX-0830202 Datasheet
196Kb / 6P
UCT-WMS 3,2 (12X4) BU - Wire marking tag
0830203 PHOENIX-0830203 Datasheet
195Kb / 6P
UCT-WMS 3,2 (12X4) GN - Wire marking tag
0830204 PHOENIX-0830204 Datasheet
194Kb / 6P
UCT-WMS 3,2 (12X4) RD CUS - Wire marking tag
More results

Similar Description - 0830207

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273946 PHOENIX-3273946 Datasheet
68Kb / 4P
Distribution block - PTFIX 12X4-G BU
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
3273814 PHOENIX-3273814 Datasheet
557Kb / 22P
Distribution block - PTFIX 12X4 BU
Jun 22, 2022
3273880 PHOENIX-3273880 Datasheet
549Kb / 22P
Distribution block - PTFIX 10/12X4 BU
Jun 13, 2022
3273682 PHOENIX-3273682 Datasheet
484Kb / 20P
Distribution block - PTFIX 12X4-NS35A BU
Jun 13, 2022
3273550 PHOENIX-3273550 Datasheet
476Kb / 19P
Distribution block - PTFIX 12X4-NS35 BU
Jul 20, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com