Electronic Components Datasheet Search
  English  ▼

X  

SP2394 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP2394
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP2394 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP2394 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP2394 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow
industries
Subsidiary of II-VI Incorporated
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0253
Rev A
Page 1 of 2
Thermoelectric Cooler SP2394
Performance Values
Mechanical Characteristics
[21.72]
.855
[6.43]
.253
A
.010[.25]
[101.6 ±6.35]
4.00 ±0.25
COLD SIDE
1.113
[28.27]
[10.80]
.425
LEADS: BUS, 22AWG
NEG (-)
POS (+)
.342±.013 [8.69±.33]
A
COPPER, TINNED
Ordering Options
Features
•
For example, and SP2394 with only the
hot side metallized is specified as an
SP2394-02AB
•
Pretinned metallized ceramic surface(s)
with 117°C solder.
•
Elevated temperature burn-in with test
data provided.
Hot Side Temperature (°C)
27°C
50°C
Δ Tmax (°C-Vacuum):
127
142
Qmax (watts):
4.0
4.4
Imax (amps):
5.2
5.2
Vmax (vdc):
8.1
9.1
AC Resistance (ohms):
1.51
---
Model Number
Description
SP2394-01AB
Met Base and Top – cooler is
mounted and shipped on test base
SP2394-02AB
Met Base Only – cooler is mounted
and shipped on test base
SP2394-03AB
No Met, Non Burn In
SP2394-04AB
Met Base Only, Non Burn In
SP2394-05AB
Met Base and Top, 117° both sides
Ceramic Material: Alumina Beryllia (AB)
Millimeters are in [ ]


Similar Part No. - SP2394

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
SP2394 VIMARLOW-SP2394 Datasheet
214Kb / 2P
Multi-Stage Thermoelectric Cooler
logo
Coherent Corp
SP2394 COHERENT-SP2394 Datasheet
785Kb / 3P
Multi-Stage Thermoelectric Module
logo
II-VI Marlow, Inc.
SP2394-01AB VIMARLOW-SP2394-01AB Datasheet
214Kb / 2P
Multi-Stage Thermoelectric Cooler
logo
Coherent Corp
SP2394-01AB COHERENT-SP2394-01AB Datasheet
785Kb / 3P
Multi-Stage Thermoelectric Module
logo
II-VI Marlow, Inc.
SP2394-02AB VIMARLOW-SP2394-02AB Datasheet
214Kb / 2P
Multi-Stage Thermoelectric Cooler
More results

Similar Description - SP2394

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
Thermoelectric Cooler
MI2012T ETC2-MI2012T Datasheet
127Kb / 2P
Thermoelectric Cooler
TEC1-12708 ETC2-TEC1-12708 Datasheet
103Kb / 3P
Thermoelectric Cooler
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
TEC1-12708 HB-TEC1-12708 Datasheet
108Kb / 3P
Thermoelectric Cooler
TEC1-12730 HB-TEC1-12730 Datasheet
113Kb / 3P
Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com