Electronic Components Datasheet Search
  English  ▼

X  

416 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 416
Description  White Electroluminescent (EL) Tape Strip -100cm w/two connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

416 Datasheet(HTML) 1 Page - Adafruit Industries

  416 Datasheet HTML 1Page - Adafruit Industries 416 Datasheet HTML 2Page - Adafruit Industries 416 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EL WIRE/TAPE/PANEL / EL TAPE
White Electroluminescent (EL) Tape Strip
-100cm w/two connectors
PRODUCT ID: 416


Similar Part No. - 416

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
Economy Trimmers
416 TEC-416 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Keystone Electronics Co...
416 KEYSTONE-416 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
HellermannTyton.
416-00000 HELLERMANNTYTON-416-00000 Datasheet
176Kb / 1P
Heat Shrinkable Moulded Shapes
416-00001 HELLERMANNTYTON-416-00001 Datasheet
176Kb / 1P
Heat Shrinkable Moulded Shapes
More results

Similar Description - 416

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
logo
Texas Instruments
SN65551 TI-SN65551 Datasheet
104Kb / 8P
ELECTROLUMINESCENT ROW DRIVERS
SN65553 TI-SN65553 Datasheet
100Kb / 7P
ELECTROLUMINESCENT COLUMIN DRIVERS
SN65555 TI-SN65555 Datasheet
212Kb / 9P
ELECTROLUMINESCENT COLUMIN DRIVERS
SN65557 TI-SN65557 Datasheet
76Kb / 8P
ELECTROLUMINESCENT ROW DRIVERS
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
logo
LUMEX INC.
SML-LX5050UWC2-TR LUMEX-SML-LX5050UWC2-TR Datasheet
176Kb / 3P
5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
SML-LX5050UWC3-TR LUMEX-SML-LX5050UWC3-TR Datasheet
176Kb / 3P
5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
logo
3M Electronics
9907HTW 3M-9907HTW Datasheet
83Kb / 2P
3MTM White Nonwoven Medical Tape
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com