Electronic Components Datasheet Search
  English  ▼

X  

446 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 446
Description  Green Electroluminescent (EL) Tape Strip - 100cm w/2 connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

446 Datasheet(HTML) 1 Page - Adafruit Industries

  446 Datasheet HTML 1Page - Adafruit Industries 446 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Green Electroluminescent (EL) Tape Strip -
100cm w/2 connectors
PRODUCT ID: 446  
 
 
Description
EL tape is the big sister to EL wire ‐ it has the same glow effect but with a flat, wide shape instead of a 
round shape. The glowing part of the tape is 1 cm wide (the plastic coating is about 1.5cm wide). The 
other side has an adhesive on it so you can stick the tape onto something. Its covered in what seems to 
be PVC, the tape is thus weather‐proof ‐ but note that the connectors are NOT waterproof, just a bit of 
heatshrink. This isn't something we would suggest leaving outdoors for extended periods. 
 
Because EL tape has more surface area than wire, it requires a more powerful inverter for the same 
length. This tape is about 4 times more capacitive (per length) than our high‐brightness EL wire and 8 
times more capacitive than 'standard' EL wire. For that reason, we are shipping the EL tape in 100cm 
lengths with two EL connectors soldered on, one on each end. You can cut it into two pieces of any 
length and use both halves! 
 


Similar Part No. - 446

ManufacturerPart #DatasheetDescription
logo
Littelfuse
446 LITTELFUSE-446 Datasheet
80Kb / 1P
EBF Fuse Fast-Acting Type 446/447 Series
logo
ETA SOLUTIONS CO. LIMIT...
446 ETA-446 Datasheet
212Kb / 2P
High Performance Thermal-Magnetic Circuit Breakers 446/447/449
2013/14
logo
List of Unclassifed Man...
446-0X ETC-446-0X Datasheet
3Mb / 32P
TORQUE PRODUCTS
446-0X ETC-446-0X Datasheet
163Kb / 4P
Standard Models
logo
Utica Tools
446-0X UTICA-446-0X Datasheet
163Kb / 4P
Utica® Torque Limiting Screwdrivers
More results

Similar Description - 446

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
Electroluminescent Lamp Driver IC
D365A ETC1-D365A Datasheet
299Kb / 12P
Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
Electroluminescent Lamp Driver IC
logo
Texas Instruments
SN65551 TI-SN65551 Datasheet
104Kb / 8P
ELECTROLUMINESCENT ROW DRIVERS
SN65553 TI-SN65553 Datasheet
100Kb / 7P
ELECTROLUMINESCENT COLUMIN DRIVERS
SN65555 TI-SN65555 Datasheet
212Kb / 9P
ELECTROLUMINESCENT COLUMIN DRIVERS
SN65557 TI-SN65557 Datasheet
76Kb / 8P
ELECTROLUMINESCENT ROW DRIVERS
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com