Electronic Components Datasheet Search
  English  ▼

X  

448 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 448
Description  12V EL wire/tape inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

448 Datasheet(HTML) 1 Page - Adafruit Industries

  448 Datasheet HTML 1Page - Adafruit Industries 448 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EL WIRE/TAPE/PANEL / INVERTERS
12V EL wire/tape inverter
PRODUCT ID: 448
Page 1 of 2


Similar Part No. - 448

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448 CTS-448 Datasheet
110Kb / 4P
Linear motion 0.2 watt composition slide control
logo
Littelfuse
448 LITTELFUSE-448 Datasheet
204Kb / 4P
Surface Mount Fuses
logo
Heyco.
4480 HEYCO-4480 Datasheet
124Kb / 1P
HEYbrid™ Brass/Nylon Liquid Tight Cordgrips
logo
Ashcroft, Inc.
4480 ASHCROFT-4480 Datasheet
2Mb / 1P
Pneumatic Transmitter
logo
Adafruit Industries
4480 ADAFRUIT-4480 Datasheet
2Mb / 3P
Adafruit LSM6DS33 6-DoF Accel Gyro IMU - STEMMA QT / Qwiic
More results

Similar Description - 448

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1598-01 MICROSEMI-LXM1598-01 Datasheet
235Kb / 5P
12V CCFL INVERTER MODULES
logo
List of Unclassifed Man...
ELM2007 ETC1-ELM2007 Datasheet
110Kb / 2P
EL INVERTER
logo
Microsemi Corporation
LXM1618-12-6X MICROSEMI-LXM1618-12-6X Datasheet
188Kb / 6P
12V 6W CCFL Programmable Inverter Module
LXMG1617-12-4X MICROSEMI-LXMG1617-12-4X Datasheet
166Kb / 6P
12V 4W CCFL Programmable Inverter Module
logo
Vishay Siliconix
WIEL1 VISHAY-WIEL1 Datasheet
102Kb / 3P
Inverter for EL Panel
01-Oct-02
logo
Microsemi Corporation
LXMG1813-12-6X MICROSEMI-LXMG1813-12-6X Datasheet
174Kb / 6P
12V 6W CCFL Programmable Inverter Module
LXMG1618A-12-6X MICROSEMI-LXMG1618A-12-6X Datasheet
183Kb / 6P
12V 6W CCFL Programmable Inverter Module
LXMG1617A-12-4X MICROSEMI-LXMG1617A-12-4X_10 Datasheet
184Kb / 6P
12V 4W CCFL Programmable Inverter Module
logo
SparkFun Electronics
COM-11222 SPARKFUN-COM-11222 Datasheet
103Kb / 2P
EL Inverter - Battery Pack
11/24/2015
COM-12933 SPARKFUN-COM-12933 Datasheet
97Kb / 1P
EL Inverter - 3v (Chasing)
11/24/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com