Electronic Components Datasheet Search
  English  ▼

X  

564 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 564
Description  EL wire 4xAAA pocket inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

564 Datasheet(HTML) 1 Page - Adafruit Industries

  564 Datasheet HTML 1Page - Adafruit Industries 564 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
EL wire 4xAAA pocket inverter
PRODUCT ID: 564  
 
Description
A small, portable inverter for EL wire. Powers off of 4 AAA batteries (not included!), it can drive 3‐4 
meters (10 to 13 feet) of our high‐brightness EL wire OR 1 meter (3 feet) of EL tape OR a 10cmx10cm 
piece of EL panel for about 7 hours. 


Similar Part No. - 564

ManufacturerPart #DatasheetDescription
logo
Littelfuse
564 LITTELFUSE-564 Datasheet
67Kb / 1P
SUBMINIATURE FUSEHOLDERS
logo
Oscilent Corporation
564 OSCILENT-564 Datasheet
135Kb / 2P
PECL Output
logo
Littelfuse
564 LITTELFUSE-564 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Walther-Werke
564 WALTHER-564 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Dialight Corporation
564-0100-111 DIALIGHT-564-0100-111 Datasheet
65Kb / 8P
3mm LED CBI Circuit Board Indicator Tri-Level
More results

Similar Description - 564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM2007 ETC1-ELM2007 Datasheet
110Kb / 2P
EL INVERTER
logo
Vishay Siliconix
WIEL1 VISHAY-WIEL1 Datasheet
102Kb / 3P
Inverter for EL Panel
01-Oct-02
logo
List of Unclassifed Man...
NDL-104LP ETC2-NDL-104LP Datasheet
263Kb / 1P
SELF-EXCITED INVERTER FOR ELECTORULUMINESCENT (EL) LIGHT
logo
NTE Electronics
69-ELBP-1 NTE-69-ELBP-1 Datasheet
109Kb / 1P
Battery Power Supply for EL Wire
69-ELD30 NTE-69-ELD30 Datasheet
104Kb / 1P
AC Power Supply for EL Wire
logo
SparkFun Electronics
COM-11222 SPARKFUN-COM-11222 Datasheet
103Kb / 2P
EL Inverter - Battery Pack
11/24/2015
COM-12933 SPARKFUN-COM-12933 Datasheet
97Kb / 1P
EL Inverter - 3v (Chasing)
11/24/2015
COM-12934 SPARKFUN-COM-12934 Datasheet
95Kb / 1P
EL Wire Chasing Adapter Cable
11/24/2015
COM-14697 SPARKFUN-COM-14697 Datasheet
264Kb / 2P
Bendable EL Wire Blue 3m
7-16-18
COM-14700 SPARKFUN-COM-14700 Datasheet
133Kb / 2P
Bendable EL Wire - Purple 3m
7??6??8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com