Electronic Components Datasheet Search
  English  ▼

X  

627 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 627
Description  Electroluminescent (EL) Panel Starter Pack - 10cm x 10cm Aqua
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

627 Datasheet(HTML) 1 Page - Adafruit Industries

  627 Datasheet HTML 1Page - Adafruit Industries 627 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EL WIRE/TAPE/PANEL / PANELS
Electroluminescent (EL) Panel Starter Pack -
10cm x 10cm Aqua
PRODUCT ID: 627
Page 1 of 2


Similar Part No. - 627

ManufacturerPart #DatasheetDescription
logo
Bi technologies
627 BITECH-627 Datasheet
65Kb / 5P
220 Small Outline Dual-In-Line Thick Film Surface Mount Resistor Networks
627 BITECH-627 Datasheet
276Kb / 5P
.220??Small Outline
logo
List of Unclassifed Man...
627 ETC2-627 Datasheet
276Kb / 5P
MODELS 627, 628 Model 627, 628 Series
627 ETC2-627 Datasheet
61Kb / 1P
CE-Mark Approval
logo
Abbatron All Rights Res...
627 ABBATRON-627 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 627

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
logo
Texas Instruments
SN65551 TI-SN65551 Datasheet
104Kb / 8P
ELECTROLUMINESCENT ROW DRIVERS
SN65555 TI-SN65555 Datasheet
212Kb / 9P
ELECTROLUMINESCENT COLUMIN DRIVERS
logo
Vishay Siliconix
WIEL1 VISHAY-WIEL1 Datasheet
102Kb / 3P
Inverter for EL Panel
01-Oct-02
logo
TE Connectivity Ltd
MS5803-01BA TEC-MS5803-01BA Datasheet
493Kb / 19P
High resolution module, 10cm
logo
List of Unclassifed Man...
DWM1001 ETC2-DWM1001 Datasheet
1Mb / 30P
Ranging accuracy to within 10cm
logo
Mallory Sonalert Produc...
PK-26N04P-06AQ MSPI-PK-26N04P-06AQ Datasheet
96Kb / 1P
95 at 10cm at Rated Voltage
PT-1240FEQ MSPI-PT-1240FEQ Datasheet
84Kb / 1P
Sound Pressure Level (dB/min) 85 at 10cm at Rated voltage
PT-3534FPQ MSPI-PT-3534FPQ Datasheet
95Kb / 1P
Sound Pressure Level Min. (dB) 105 at 10cm at Rated Voltage
logo
SparkFun Electronics
COM-11222 SPARKFUN-COM-11222 Datasheet
103Kb / 2P
EL Inverter - Battery Pack
11/24/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com