Electronic Components Datasheet Search
  English  ▼

X  

679 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 679
Description  Diffused 5mm Slow Fade Flashing RGB LED - 10 pack - Slow fade
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

679 Datasheet(HTML) 1 Page - Adafruit Industries

  679 Datasheet HTML 1Page - Adafruit Industries 679 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
Diffused 5mm Slow Fade Flashing RGB
LED - 10 pack - Slow fade
PRODUCT ID: 679
These are very interesting 5mm diffused RGB LEDs - instead of having 4
pins to control 3 LEDs, they have only two leads - power and ground.
When powered, the LEDs perform a slow fade through the rainbow, from
red to orange to yellow, etc till they get back to red. See the video below
for the timing and look. There is no way to change the 'program' or rate,
its burned into a little chip that is inside the LED itself. If you need to have
an RGB perform a particular arrangement, check out our RGB LEDs that
you can easily control with a microcontroller We also have a version
that's an exciting RGB flashing pattern


Similar Part No. - 679

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
679 MICROSEMI-679 Datasheet
129Kb / 3P
RECTIFIERS ASSEMBLIES
679-1 MICROSEMI-679-1 Datasheet
129Kb / 3P
RECTIFIERS ASSEMBLIES
679-1 MICROSEMI-679-1 Datasheet
807Kb / 3P
Current ratings to 25A
679-2 MICROSEMI-679-2 Datasheet
129Kb / 3P
RECTIFIERS ASSEMBLIES
679-2 MICROSEMI-679-2 Datasheet
807Kb / 3P
Current ratings to 25A
More results

Similar Description - 679

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4897 NSC-LM4897 Datasheet
612Kb / 14P
1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out
logo
OptoSupply Internationa...
OSB5SS5A31A OPTOSUPPLY-OSB5SS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Blue LED
OSR5SS5A31A OPTOSUPPLY-OSR5SS5A31A Datasheet
95Kb / 1P
5mm Round Flashing Red LED
logo
Protek Devices
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
slow blow fuses
logo
Productwell Precision E...
S711VB1 PRODUCTWELL-S711VB1_14 Datasheet
129Kb / 1P
Fade conrtol for popular type audio mixers, musical keyboards
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
SLOW BLOW FUSES
logo
Integrated Silicon Solu...
IS32LT3120 ISSI-IS32LT3120 Datasheet
467Kb / 14P
DUAL CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
IS32LT3174 ISSI-IS32LT3174 Datasheet
449Kb / 16P
SINGLE CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
Slow Blow
logo
Texas Instruments
DAC43901-Q1 TI1-DAC43901-Q1 Datasheet
2Mb / 59P
DAC4390x-Q1 Automotive Smart DACs for Logarithmic Fade-In Fade-Out and Sequential Turn Animation With I2C, SPI, GPIO, and PWM Interfaces
SEPTEMBER 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com