Electronic Components Datasheet Search
  English  ▼

X  

738 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 738
Description  12mm Diffused Flat Digital RGB LED Pixels (Strand of 25) - WS2801
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

738 Datasheet(HTML) 2 Page - Adafruit Industries

  738 Datasheet HTML 1Page - Adafruit Industries 738 Datasheet HTML 2Page - Adafruit Industries 738 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
The pixels are connected by a 4-conductor cable. +5V (Red), Ground
(Blue), Data (Yellow) and Clock (Green). Data is shifted down from one
pixel to the next so that you can easily cut the strand or attach more onto
the end.
Each dot is digitally controlled, with an internal 8-bit PWM LED driver (24-
bit color for 16 million different shades). The pixels must be clocked by a
microcontroller, we have an example code linked below that works on an
Arduino, it should be simple to adapt it to any other microcontroller.
The pixels use 8mm diffused RGB LEDs, with a 120 degree beam width.
The total max brightness of all LEDs is about 1600mcd but with the light
more evenly distributed & mixed than a clear LED. (Please note: mcd
ratings of LEDs are notoriously inflated by most LED sellers, so be extra-
skeptical when reviewing LED ratings!)
Sold by the strand, each strand has 25 pixels in series! Each strand has
two JST SM 4-pin connectors so you can connect multiple strands in a
row, as many as you wish, just watch for how much current they want. We
now have LED pixel strands with the power wires (red & blue) spliced out
so its really easy to connect 5VDC in using a 2.1mm jack terminal adapter.
We have a 5V/2A supply that should be able to drive 2 or more
strands and a 5V/10A supply that can drive up to 160 LEDs all lit up at
once
If you want to connect to the input of a strand (to wire it to power and a
microcontroller) please get a plug connector. If you want to connect to
the output, get a receptacle cable.
You can drive these with an Arduino using any two microcontroller digital
pins, check this library which also has example code to demonstrate the
strands and be sure to read our very detailed tutorial on usage!



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com