Electronic Components Datasheet Search
  English  ▼

X  

831 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 831
Description  EL Wire Sound Activated Pocket Inverter - 5V USB Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

831 Datasheet(HTML) 1 Page - Adafruit Industries

  831 Datasheet HTML 1Page - Adafruit Industries 831 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EL Wire Sound
Activated
Pocket Inverter
- 5V USB Power
Product ID: 831
Description
A small, portable inverter for EL wire with an audio input! This inverter has a little microphone
and will light the connected EL according to the surrounding audio volume. Makes for an easy
reactive project.
This inverter requires 5V input (it works great with any USB power pack) and it can drive 2-3
meters (7 to 10 feet) of our high-brightness EL wire OR 1 meter (3 feet) of EL tape OR a
10cmx10cm piece of EL panel continuously for about 21 hours (off of 4xAA's).
There is a switch for selecting steady/sound/off modes - steady is 'always on'. Comes with a
single 2.5mm pitch female JST connectors, standard for all the EL wire and tape we carry. You
can plug any of our EL wire/tape into this inverter directly. To connect a 'raw' piece EL wire to
this, you'll want a male connector wire
The EL inverter requires a 'load' to stabilize itself. Do not run the inverter without at least 2 ft of
EL wire attached! Otherwise the inverter can spike and damage itself
Like all inverters we've used, the 2000 Hz oscillation is slightly audible. To reduce the
squeaking, we suggest opening up the case padding it with thick foam tape/weatherstripping.
Squirting some hot glue around the capacitors may also help. We managed to get it silent this
way.
Check out our EL TRON bag tutorial for ideas, and our EL wire couch video too!


Similar Part No. - 831

ManufacturerPart #DatasheetDescription
logo
Littelfuse
831 LITTELFUSE-831 Datasheet
80Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
France Joint
831 FRANCEJOINT-831 Datasheet
2Mb / 20P
FLOATING SEALS
logo
Littelfuse
831 LITTELFUSE-831 Datasheet
861Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
02/13/18
logo
List of Unclassifed Man...
831 ETC2-831 Datasheet
859Kb / 8P
Pérmanent Magnets
logo
Copyright BG
831 BG-831 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
More results

Similar Description - 831

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM2007 ETC1-ELM2007 Datasheet
110Kb / 2P
EL INVERTER
logo
Vishay Siliconix
WIEL1 VISHAY-WIEL1 Datasheet
102Kb / 3P
Inverter for EL Panel
01-Oct-02
logo
NTE Electronics
69-ELBP-1 NTE-69-ELBP-1 Datasheet
109Kb / 1P
Battery Power Supply for EL Wire
69-ELD30 NTE-69-ELD30 Datasheet
104Kb / 1P
AC Power Supply for EL Wire
69-ELDP-2 NTE-69-ELDP-2 Datasheet
100Kb / 1P
Cigarette Lighter Power Supply with Sound Control Driver for EL Wire
logo
C-Media Electronics
CM6510B CMEDIA-CM6510B Datasheet
1Mb / 42P
USB Audio Sound Chip
CM6523B CMEDIA-CM6523B Datasheet
1,006Kb / 54P
USB Audio Sound Chip
logo
Mallory Sonalert Produc...
JR28-RG-4LCT1 MSPI-JR28-RG-4LCT1 Datasheet
171Kb / 1P
SOUND BLACK wire and ORANGE wire to Power
logo
SparkFun Electronics
COM-11222 SPARKFUN-COM-11222 Datasheet
103Kb / 2P
EL Inverter - Battery Pack
11/24/2015
COM-12933 SPARKFUN-COM-12933 Datasheet
97Kb / 1P
EL Inverter - 3v (Chasing)
11/24/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com