Electronic Components Datasheet Search
  English  ▼

X  

832 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 832
Description  EL Wire 12V Sound Activated Pocket Inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

832 Datasheet(HTML) 2 Page - Adafruit Industries

  832 Datasheet HTML 1Page - Adafruit Industries 832 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
A small, portable inverter for EL wire with an audio input! This inverter has a little microphone and will 
light the connected EL according to the surrounding audio volume. Makes for an easy reactive project. 
 
This inverter requires 12VDC input (it works great with our 8xAA battery holder) and it can drive 2‐3 
meters (7 to 10 feet) of our high‐brightness EL wire OR 1 meter (3 feet) of EL tape OR a 10cmx10cm 
piece of EL panel continuously for about 48 hours (off of 4xAA's). 
 
There is a switch for selecting steady/sound/off modes ‐ steady is 'always on'. Comes with a single 
2.5mm pitch female JST connectors, standard for all the EL wire and tape we carry. There's also two 
power wires, you'll need to connect these to a 12VDC power source. The white striped wire goes to 
+12V, the plain black wire goes to ground. 
 
You can plug any of our EL wire/tape into this inverter directly. To connect a 'raw' piece EL wire to this, 
you'll want a male connector wire 
 
The EL inverter requires a 'load' to stabilize itself. Do not run the inverter without at least 2 ft of EL 
wire attached! Otherwise the inverter can spike and damage itself 
 
Like all inverters we've used, the 2000 Hz oscillation is slightly audible. To reduce the squeaking, we 
suggest opening up the case padding it with thick foam tape/weatherstripping. Squirting some hot glue 
around the capacitors may also help. We managed to get it silent this way. 
 
Check out our EL TRON bag tutorial for ideas, and our EL wire couch video too! 
https://cdn‐learn.adafruit.com/downloads/pdf/tron‐bag.pdf  
https://www.youtube.com/watch?v=7si_73v31I0 
 
Soldering to raw EL wire is a little tricky but luckily we wrote a detailed step‐by‐step tutorial! The 
tutorial also covers a lot of information about EL and how it works.  https://cdn‐
learn.adafruit.com/downloads/pdf/el‐wire.pdf 
Technical Details
Dimensions: 
o
Inverter Size: 85mm x 55mm x 22mm (3.4in x 2.2in x 0.85in) 
o
JST cable length: approx. 20 cm 
Weight: 41.80g 
 
https://www.adafruit.com/product/832 8-8-17



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com