Electronic Components Datasheet Search
  English  ▼

X  

SP5446 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP5446
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP5446 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP5446 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP5446 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow
industries
Subsidiary of II-VI INCORPORATED
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Rev C
102-0240
Page 1 of 2
Thermoelectric Cooler – SP5446
RoHS 2002/95/EC Compliant
Performance Values
Mechanical Characteristics
[5.99]
[12.19]
[50.8±6.35]
Leads: Bus, 28 AWG
Nickel Over Copper
[1.65±0.13]
.001 [0.03]
Ceramic Material: Alumina (AC) or
Dimensions in [ ] are Millimeters
Aluminum Nitride (ALN)
2.00 ±0.25
Positive Lead
Negative Lead
.065 ±.005
Cold Side, Tc
.480
.236
Hot Side, Th
.001 [0.03]
.004 [0.10] A
A
Ordering Options
Features
•
RoHS 2002/95/EC compliant
•
Exterior surfaces may be tinned with various
configurations depending on customer requirements.
•
For information regarding additional ordering options
available, please contact a Marlow Engineering
representative.
•
ALN – Parallelism is .002 inches.
Hot Side Temperature
(°C)
27°C
85°C
Δ Tmax (°C-dry N2):
68.5
88.5
Qmax (watts):
5.0
6.0
Imax (amps):
1.9
1.8
Vmax (vdc):
4.07
5.13
AC Resistance
(ohms):
1.85
---
Model Number
Description
SP5446-01AC
Metallized exterior
SP5446-01AN
Metallized exterior
SP5446-02AC
Hot Side, Metallized
Exterior
SP5446-03AC
No Metallized
Exterior


Similar Part No. - SP5446

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SP540 SSOUSA-SP540 Datasheet
165Kb / 5P
1 Form A Solid State Relay
logo
Solid State Inc
SP540 SOLIDSTATE-SP540 Datasheet
177Kb / 5P
High Continuous Load Current Rating (1mA)
logo
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
logo
Solid State Inc
SP540-X SOLIDSTATE-SP540-X Datasheet
171Kb / 5P
High Continuous Load Current Rating (750mA)
logo
Solid State Optronic
SP541 SSOUSA-SP541 Datasheet
167Kb / 5P
1 Form A Solid State Relay
More results

Similar Description - SP5446

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
Thermoelectric Cooler
MI2012T ETC2-MI2012T Datasheet
127Kb / 2P
Thermoelectric Cooler
TEC1-12708 ETC2-TEC1-12708 Datasheet
103Kb / 3P
Thermoelectric Cooler
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
TEC1-12708 HB-TEC1-12708 Datasheet
108Kb / 3P
Thermoelectric Cooler
TEC1-12730 HB-TEC1-12730 Datasheet
113Kb / 3P
Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com