Electronic Components Datasheet Search
  English  ▼

X  

810 Datasheet(PDF) 7 Page - Testo SE & Co. KGaA

Part # 810
Description  Innovative Pocket-Sized Measurement Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

810 Datasheet(HTML) 7 Page - Testo SE & Co. KGaA

Back Button 810 Datasheet HTML 2Page - Testo SE & Co. KGaA 810 Datasheet HTML 3Page - Testo SE & Co. KGaA 810 Datasheet HTML 4Page - Testo SE & Co. KGaA 810 Datasheet HTML 5Page - Testo SE & Co. KGaA 810 Datasheet HTML 6Page - Testo SE & Co. KGaA 810 Datasheet HTML 7Page - Testo SE & Co. KGaA 810 Datasheet HTML 8Page - Testo SE & Co. KGaA 810 Datasheet HTML 9Page - Testo SE & Co. KGaA 810 Datasheet HTML 10Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Committing to the future
Technical data
Pressure
Measuring range:300 to 1,200 mbar
Resolution:
0.1 mbar
Accuracy:
± 3.0 mbar
Units:
hPa, mbar, Pa,
mmH
2O, mmHg,
inH
2O, inHg, psi, m, ft
Oper. temp.:
0 to 50 °C
Battery type:
Alkaline (2 x AAA)
Battery life:
500 h. (average, without
display illumination)
Dimensions
(incl. protective cap):
119 x 46 x 25 mm
Testo 511 - Absolute
pressure, barometric
pressure and altitude
Included in delivery:
Calibration protocol · Wrist strap
Belt holder · Protective cap · Batteries
testo 511
- Absolute pressure accuracy ±3
mbar
- Calculation of barometric pressure
- Barometric altitude measurement
Part no. 0560 0511



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com