Electronic Components Datasheet Search
  English  ▼

X  

AFE7952 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE7952
Description  AFE7952 Quad-Channel RF Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7952 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE7952 Datasheet HTML 5Page - Texas Instruments AFE7952 Datasheet HTML 6Page - Texas Instruments AFE7952 Datasheet HTML 7Page - Texas Instruments AFE7952 Datasheet HTML 8Page - Texas Instruments AFE7952 Datasheet HTML 9Page - Texas Instruments AFE7952 Datasheet HTML 10Page - Texas Instruments AFE7952 Datasheet HTML 11Page - Texas Instruments AFE7952 Datasheet HTML 12Page - Texas Instruments AFE7952 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
400X (
0.4)
(0.8) TYP
(0.8) TYP
(
0.4)
METAL
0.025 MAX
SOLDER MASK
OPENING
METAL
UNDER
MASK
(
0.4)
SOLDER MASK
OPENING
0.025 MIN
FCBGA - 2.65 mm max height
ABJ0400A
BALL GRID ARRAY
4221311/D 03/2023
NOTES: (continued)
6. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For more information, see Texas Instruments literature number SPRU811 (www.ti.com/lit/spru811).
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:6X
1
20
A
Y
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
2 3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
EXPOSED
METAL
SOLDER MASK
DEFINED
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com