Electronic Components Datasheet Search
  English  ▼

X  

AMC7932 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC7932
Description  AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7932 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC7932 Datasheet HTML 3Page - Texas Instruments AMC7932 Datasheet HTML 4Page - Texas Instruments AMC7932 Datasheet HTML 5Page - Texas Instruments AMC7932 Datasheet HTML 6Page - Texas Instruments AMC7932 Datasheet HTML 7Page - Texas Instruments AMC7932 Datasheet HTML 8Page - Texas Instruments AMC7932 Datasheet HTML 9Page - Texas Instruments AMC7932 Datasheet HTML 10Page - Texas Instruments AMC7932 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
(8.5)
(8.5)
44X (0.5)
48X (1.6)
48X (0.3)
(
0.2) TYP
VIA
(5.17)
(
6.5)
NOTE 10
(R0.05) TYP
(1.1 TYP)
(1.1 TYP)
(5.17)
PowerPAD
HTQFP - 1.2 mm max height
PHP0048N
PLASTIC QUAD FLATPACK
4229966/A 09/2023
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. See technical brief, Powerpad thermally enhanced package,
Texas Instruments Literature No. SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled, plugged
or tented.
10. Size of metal pad may vary due to creepage requirement.
TM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:8X
SYMM
SYMM
48
37
13
24
25
36
1
12
SOLDER MASK
DEFINED PAD
METAL COVERED
BY SOLDER MASK
49
SEE DETAILS
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com