Electronic Components Datasheet Search
  English  ▼

X  

BQ2018 Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ2018
Description  Power Minder™ IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2018 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2018 Datasheet HTML 8Page - Texas Instruments BQ2018 Datasheet HTML 9Page - Texas Instruments BQ2018 Datasheet HTML 10Page - Texas Instruments BQ2018 Datasheet HTML 11Page - Texas Instruments BQ2018 Datasheet HTML 12Page - Texas Instruments BQ2018 Datasheet HTML 13Page - Texas Instruments BQ2018 Datasheet HTML 14Page - Texas Instruments BQ2018 Datasheet HTML 15Page - Texas Instruments BQ2018 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
12
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Uni
t
Notes
VCC
Relative to VSS
-0.3
+6.0
V
HDQ
Relative to VSS
-0.3
+6.0
V
All other pins
VSS -0.3V
VCC +3.0V
V
IREG
REG to VSS
1.0
mA
VSR1 / VSR2
Relative to VSS
-0.3
+6.0
V
A 100k
Ω series resistor is
recommended to protect SR1 / SR2
in case of a shorted battery.
TOPR
Operating
temperature
- 20
+70
°C
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera-
tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo-
sure to conditions beyond the operational limits for extended periods of time may affect device reliability.
DC Electrical Characteristics (T
A =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VCC
Supply voltage
2.8
4.25
5.5
V
REG = No connect
3.5
3.7
3.9
V
VCC derived from REG, Note 3
ICC
Operating current
-60
70
µAVCC,HDQ = 3.7V
-70
80
µAVCC,HDQ = 5.5V
ICC2
Sleep
-
-
10
µAVCC = 5.5V
IRBI
RBI current
-
-
100
nA
VCC < 2.4V
VSR
Sense resistor input
-200
-
200
mV
VSR1 <VSR2 = discharge;
VSR1 > VSR2 = charge
Note 2
RSR
SR1 / SR2 input impedance
10
-
-
M
Ω
-200mV < VSR < 200mV
IOL
Open-drain sink current
-
-
2.0
mA
VOL =VSS + 0.3V
WAKE, HDQ
VIHDQ
HDQ input high
2.5
-
-
V
VILDQ
HDQ input low
-
-
0.8
V
Notes:
1.
All voltages relative to VSS.
2.
VSR1/SR2 +VOS.VOS is affected by PC board layout. Follow proper layout guidelines for optimal
performance.
3.
Can be guaranteed by design when using an SST108 or equivalent JFET.
bq2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com