Electronic Components Datasheet Search
  English  ▼

X  

BQ2000TPWR.B Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2000TPWR.B
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000TPWR.B Datasheet(HTML) 1 Page - Texas Instruments

  BQ2000TPWR.B Datasheet HTML 1Page - Texas Instruments BQ2000TPWR.B Datasheet HTML 2Page - Texas Instruments BQ2000TPWR.B Datasheet HTML 3Page - Texas Instruments BQ2000TPWR.B Datasheet HTML 4Page - Texas Instruments BQ2000TPWR.B Datasheet HTML 5Page - Texas Instruments BQ2000TPWR.B Datasheet HTML 6Page - Texas Instruments BQ2000TPWR.B Datasheet HTML 7Page - Texas Instruments BQ2000TPWR.B Datasheet HTML 8Page - Texas Instruments BQ2000TPWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
2
3
4
8
7
6
5
SNS
LED
BAT
VSS
MOD
VCC
TS
RC
bq2000T
www.ti.com
SLUS149D – MAY 1999 – REVISED JANUARY 2010
Programmable Multi-Chemistry Fast-Charge Management IC
Check for Samples: bq2000T
1
FEATURES
GENERAL DESCRIPTION
•
Safe Management of Fast Charge for NiCd,
NiMH, or Li-Ion Battery Packs
The bq2000T is a programmable, monolithic IC for
fast-charge management of nickel cadmium (NiCd),
•
High-Frequency Switching Controller for
nickel metal-hydride (NiMH), or lithium-ion (Li-Ion)
Efficient and Simple Charger Design
batteries in single- or multi-chemistry applications.
•
Pre-Charge Qualification for Detecting
The bq2000T chooses the proper battery chemistry
Shorted, Damaged, or Overheated Cells
(either nickel or lithium) and proceeds with the
•
Fast-Charge Termination by
ΔT/Δt for Nickel
optimal charging and termination algorithms. This
Chemistries, Minimum Current for Li-Ion
process eliminates undesirable, undercharged, or
overcharged conditions, and allows accurate and safe
Chemistries, Maximum Temperature, and
termination of fast charge.
Maximum Charge Time
•
Selectable Top-Off Mode for Achieving
Depending on the chemistry, the bq2000T provides a
Maximum Capacity in NiMH Batteries
number of charge termination criteria:
•
Rate of temperature rise (
ΔT/Δt) (for NiCd and
•
Programmable Trickle-Charge Mode for
NiMH)
Reviving Deeply Discharged Batteries and for
•
Minimum charge current (for Li-Ion)
Postcharge Maintenance
•
Maximum temperature
•
Built-in Battery Removal and Insertion
•
Maximum charge time
Detection
•
Sleep Mode for Low Power Consumption
For safety, the bq2000T inhibits fast charge until the
battery
voltage
and
temperature
are
within
APPLICATIONS
user-defined limits. If the battery voltage is below the
low-voltage
threshold,
the
bq2000T
uses
•
Multi-Chemistry Charger
trickle-charge to condition the battery. For NiMH
•
Nickel Charger
batteries, the bq2000T provides an optional top-off
•
High-Power, Multi-Cell Charger
charge to maximize the battery capacity.
The integrated high-speed comparator allows the
bq2000T
to
be
the
basis
for
a
complete,
high-efficiency
battery
charger
circuit
for
both
nickel-based and lithium-based chemistries.
spacer between para and illustration
8-Pin DIP or Narrow SOIC or TSSOP
Pin Names
SNS
Current-sense input
VSS
System ground
LED
Charge-status output
BAT
Battery-voltage input
TS
Temperature-sense input
RC
Timer-program input
VCC
Supply-voltage input
MOD
Modulation-control output
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ2000TPWR.B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ2000TPWR ETC1-BQ2000TPWR Datasheet
677Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000TPWR TI1-BQ2000TPWR Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000TPWRG4 TI1-BQ2000TPWRG4 Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
More results

Similar Description - BQ2000TPWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI-BQ2000T Datasheet
140Kb / 16P
Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
logo
List of Unclassifed Man...
BQ2000T ETC1-BQ2000T Datasheet
677Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000 TI1-BQ2000_15 Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI1-BQ2000T_15 Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
NiCd/NiMH Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
4A Multi-Type Battery Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com