Electronic Components Datasheet Search
  English  ▼

X  

BUF04701 Datasheet(PDF) 15 Page - Texas Instruments

Part # BUF04701
Description  Multi-Channel LCD Gamma Correction Buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF04701 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BUF04701 Datasheet HTML 11Page - Texas Instruments BUF04701 Datasheet HTML 12Page - Texas Instruments BUF04701 Datasheet HTML 13Page - Texas Instruments BUF04701 Datasheet HTML 14Page - Texas Instruments BUF04701 Datasheet HTML 15Page - Texas Instruments BUF04701 Datasheet HTML 16Page - Texas Instruments BUF04701 Datasheet HTML 17Page - Texas Instruments BUF04701 Datasheet HTML 18Page - Texas Instruments BUF04701 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
0
10
20
30
40
InputDataHEX0
V
DD1
V
SS1
GMA1
GMA2
GMA3
GMA4
GMA5
GMA6
GMA7
GMA8
GMA9
GMA10
45
40
35
30
25
20
15
10
5
0
V
=10V
R =2k
V
W
DD
L
COM
10
100
1000
LoadCapacitance,C (pF)
L
BUF07703
BUF06703
BUF05703
www.ti.com
SBOS269C – MARCH 2003 – REVISED APRIL 2010
INPUT VOLTAGE RANGE GAMMA BUFFERS
Connect buffer 1 to the gamma voltage closest to
VDD, and buffers 2 and 3 to the sequential voltages.
Figure 36 shows a typical gamma correction curve
Buffer
6
should
be
connected
to
the
gamma
with 10 gamma correction reference points (GMA1
correction voltage closest to GND (or the negative
through GMA10). As can be seen from this curve, the
rail), buffers 4 and 5 to the sequential higher
voltage requirements for each buffer varies greatly.
voltages.
The swing capability of the input stages of the various
buffers in the BUFxx703 is carefully matched to the
COMMON BUFFER (VCOM)
application. Using the example of the BUF07703 with
six gamma correction channels, buffers 1 to 3 have
The common buffer output of the BUF07703 and
input stages that include VDD, but will only swing
BUF05703 has a greater output drive capability than
within 1V to GND. Buffers 1 through 5 have only a
the gamma correction buffers, to meet the heavier
single NMOS input stage. Buffers 4 through 6 have
current demands of driving the common node of the
only a single PMOS input stage. The input range of
LCD panel. It was also designed to drive heavier
the PMOS input stage includes GND.
capacitive loads and still remain stable, as shown in
Figure 37.
Figure 36. Gamma Correction Curve
Figure 37. Phase Shift vs Load Capacitance
OUTPUT VOLTAGE SWING GAMMA
CAPACITIVE LOAD DRIVE
BUFFERS
The BUFxx703 has been designed to be able to
The output stages have been designed to match the
sink/source DC currents in excess of 10mA. Its output
characteristic of the input stage. Once again using
stage has been designed to deliver output current
the example of the BUF07703 means that the output
transients with little disturbance of the output voltage.
stage of buffer 1 swings very close to VDD, typically
However, there are times when very fast current
VCC − 100mV at 5mA; its ability to swing to GND is
pulses are required. Therefore, in LCD source-driver
limited. Buffers 2 and 3 have smaller output stages
buffer applications, it is quite normal for capacitors to
with slightly larger output resistances, as they will not
be placed at the outputs of the reference buffers.
have to swing as close to the positive rail as buffer 1.
These are to improve the transient load regulation.
Buffers 4 through 6 swing closer to GND than VDD.
These will typically vary from 100pF and more. The
Buffer 6 is designed to swing very close to GND,
BUFxx703 gamma buffers were designed to drive
typically GND + 100mV at a 5mA load current. See
capacitances in excess of 100pF and retain effective
the Typical Characteristics for more details. This
phase margins above 50°, as shown in Figure 38.
approach significantly reduces the silicon area and
cost of the whole solution. However, due to this
architecture, the correct buffer needs to be connected
to the correct gamma correction voltage.
Copyright © 2003–2010, Texas Instruments Incorporated
15
Product Folder Link(s): BUF07703 BUF06703 BUF05703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com