Electronic Components Datasheet Search
  English  ▼

X  

CC2550 Datasheet(PDF) 40 Page - Texas Instruments

Part # CC2550
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC2550 Datasheet HTML 36Page - Texas Instruments CC2550 Datasheet HTML 37Page - Texas Instruments CC2550 Datasheet HTML 38Page - Texas Instruments CC2550 Datasheet HTML 39Page - Texas Instruments CC2550 Datasheet HTML 40Page - Texas Instruments CC2550 Datasheet HTML 41Page - Texas Instruments CC2550 Datasheet HTML 42Page - Texas Instruments CC2550 Datasheet HTML 43Page - Texas Instruments CC2550 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
CC2550
SWRS039B
Page 40 of 58
Write
Read
Single byte
Burst
Single byte
Burst
+0x00
+0x40
+0x80
+0xC0
0x00
Reserved
0x01
IOCFG1
0x02
IOCFG0
0x03
FIFOTHR
0x04
SYNC1
0x05
SYNC0
0x06
PKTLEN
0x07
Reserved
0x08
PKTCTRL0
0x09
Reserved
0x0A
CHANNR
0x0B
Reserved
0x0C
Reserved
0x0D
FREQ2
0x0E
FREQ1
0x0F
FREQ0
0x10
MDMCFG4
0x11
MDMCFG3
0x12
MDMCFG2
0x13
MDMCFG1
0x14
MDMCFG0
0x15
DEVIATN
0x16
Reserved
0x17
MCSM1
0x18
MCSM0
0x19
Reserved
0x1A
Reserved
0x1B
Reserved
0x1C
Reserved
0x1D
Reserved
0x1E
Reserved
0x1F
Reserved
0x20
Reserved
0x21
Reserved
0x22
FREND0
0x23
FSCAL3
0x24
FSCAL2
0x25
FSCAL1
0x26
FSCAL0
0x27
Reserved
0x28
Reserved
0x29
FSTEST
0x2A
PTEST
0x2B
Reserved
0x2C
TEST2
0x2D
TEST1
0x2E
TEST0
0x2F
0x30
SRES
SRES
PARTNUM
0x31
SFSTXON
SFSTXON
VERSION
0x32
SXOFF
SXOFF
FREQEST
0x33
SCAL
SCAL
Reserved
0x34
Reserved
Reserved
Reserved
0x35
STX
STX
MARCSTATE
0x36
SIDLE
SIDLE
Reserved
0x37
Reserved
0x38
Reserved
Reserved
PKTSTATUS
0x39
SPWD
SPWD
VCO_VC_DAC
0x3A
Reserved
Reserved
TXBYTES
0x3B
SFTX
SFTX
Reserved
0x3C
Reserved
Reserved
0x3D
SNOP
SNOP
0x3E
PATABLE
PATABLE
Reserved
Reserved
0x3F
TX FIFO
TX FIFO
RX FIFO
RX FIFO
Table 26: SPI Address Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com