Electronic Components Datasheet Search
  English  ▼

X  

CD74HC151E Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74HC151E
Description  CDx4HC151, CDx4HCT151 High-Speed CMOS Logic 8-Input Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC151E Datasheet(HTML) 3 Page - Texas Instruments

  CD74HC151E Datasheet HTML 1Page - Texas Instruments CD74HC151E Datasheet HTML 2Page - Texas Instruments CD74HC151E Datasheet HTML 3Page - Texas Instruments CD74HC151E Datasheet HTML 4Page - Texas Instruments CD74HC151E Datasheet HTML 5Page - Texas Instruments CD74HC151E Datasheet HTML 6Page - Texas Instruments CD74HC151E Datasheet HTML 7Page - Texas Instruments CD74HC151E Datasheet HTML 8Page - Texas Instruments CD74HC151E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
4 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
D
5
D
7
A
V
CC
15
16
D
2
D
1
D
0
Y
W
G
D
4
C
B
D
6
D
3
J, N, or D package
16-Pin CDIP, PDIP, SOIC
Top View
www.ti.com
CD54HC151, CD74HC151, CD54HCT151, CD74HCT151
SCHS150D – SEPTEMBER 1998 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54HC151 CD74HC151 CD54HCT151 CD74HCT151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com