Electronic Components Datasheet Search
  English  ▼

X  

CD74HC151MT Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74HC151MT
Description  CDx4HC151, CDx4HCT151 High-Speed CMOS Logic 8-Input Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC151MT Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC151MT Datasheet HTML 1Page - Texas Instruments CD74HC151MT Datasheet HTML 2Page - Texas Instruments CD74HC151MT Datasheet HTML 3Page - Texas Instruments CD74HC151MT Datasheet HTML 4Page - Texas Instruments CD74HC151MT Datasheet HTML 5Page - Texas Instruments CD74HC151MT Datasheet HTML 6Page - Texas Instruments CD74HC151MT Datasheet HTML 7Page - Texas Instruments CD74HC151MT Datasheet HTML 8Page - Texas Instruments CD74HC151MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
7
V
IIK
Input diode current
(VI < -0.5 V or VI > VCC + 0.5 V)
±20
mA
IOK
Output diode current
(VO < -0.5 V or VO > VCC + 0.5 V)
±20
mA
IO
Continuous output current
(VO > -0.5 V or VO < VCC + 0.5 V)
±25
mA
Continuous current through VCC or GND
±50
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-65
150
°C
Lead Temperature (Soldering 10s)
300
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
5.2 Recommended Operating Conditions
MIN
MAX
UNIT
TA
Temperature Range
–55
125
℃
VCC
Supply Voltage Range
HC Types
2
6
V
HCT Types
4.5
5.5
VI,VO
DC Input or Output Voltage
0
VCC
V
tt
Input Rise and Fall Time
2 V
1000
ns
4.5 V
500
6 V
400
5.3 Thermal Information
THERMAL METRIC
CD74HC151, CD74HCT151
UNIT
D (SOIC)
N (PDIP)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
(1)
73
67
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
CD54HC151, CD74HC151, CD54HCT151, CD74HCT151
SCHS150D – SEPTEMBER 1998 – REVISED NOVEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CD54HC151 CD74HC151 CD54HCT151 CD74HCT151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com