Electronic Components Datasheet Search
  English  ▼

X  

CDX4AC299 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDX4AC299
Description  CDx4AC299, CD74AC323, CDx4ACT299 8-Lnput Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4AC299 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDX4AC299 Datasheet HTML 4Page - Texas Instruments CDX4AC299 Datasheet HTML 5Page - Texas Instruments CDX4AC299 Datasheet HTML 6Page - Texas Instruments CDX4AC299 Datasheet HTML 7Page - Texas Instruments CDX4AC299 Datasheet HTML 8Page - Texas Instruments CDX4AC299 Datasheet HTML 9Page - Texas Instruments CDX4AC299 Datasheet HTML 10Page - Texas Instruments CDX4AC299 Datasheet HTML 11Page - Texas Instruments CDX4AC299 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
5 Parameter Measurement Information
Figure 5-1. Clock Prerequisite and Propagation
Delays
Figure 5-2. Clock Prerequisite and Propagation
Delays
Figure 5-3. Three-state Propagation Delay Times
and Test Circuit
Figure 5-4. Data Prerequisite Times
Figure 5-5. Test Circuit
CD54/74AC
CD54/74ACT
Input Level
VCC
3 V
Input Switching Voltage, VS
0.5 VCC
1.5 V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD54AC299, CD74AC299, CD74AC323, CD54ACT299, CD74ACT299
SCHS288A – DECEMBER 1998 – REVISED DECEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC299 CD74AC299 CD74AC323 CD54ACT299 CD74ACT299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com