Electronic Components Datasheet Search
  English  ▼

X  

ACS108-5SA Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACS108-5SA
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-5SA Datasheet(HTML) 6 Page - STMicroelectronics

  ACS108-5SA Datasheet HTML 1Page - STMicroelectronics ACS108-5SA Datasheet HTML 2Page - STMicroelectronics ACS108-5SA Datasheet HTML 3Page - STMicroelectronics ACS108-5SA Datasheet HTML 4Page - STMicroelectronics ACS108-5SA Datasheet HTML 5Page - STMicroelectronics ACS108-5SA Datasheet HTML 6Page - STMicroelectronics ACS108-5SA Datasheet HTML 7Page - STMicroelectronics ACS108-5SA Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACS108-5Sx
6/8
®
Fig. 10: Non repetitive surge peak on-state current
versus number of cycles.
Fig. 11: Non-repetitive surge peak on-state cur-
rent for a sinusoidal pulse with width tp < 10ms,
and corresponding value of I2t.
1
10
100
1000
0
1
2
3
4
5
6
7
8
9
Number of cycles
ITSM(A)
Tj initial=25°C
Non repetitive
Tamb=25°C
Repetitive
One cycle
t=20ms
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
tp(ms)
ITSM(A),I²t(A²s)
Tj initial=25°C
ITSM
I²t
Fig. 12: On-state characteristics (maximum values).
Fig. 13: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35
µm).
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.01
0.10
1.00
5.00
VTM(V)
ITM(A)
Tj max.:
Vto = 0.9 V
Rd = 300 m
Ω
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 14: Relative variation of critical (dl/dt)c versus
junction temperature.
0
10
20
30
40
50
60
70
80
90 100 110 120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tj(°C)
(dI/dt)c [Tj] / (dI/dt)c [Tj=110°C]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com