Electronic Components Datasheet Search
  English  ▼

X  

CD54HC259 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC259
Description  CDx4HC(T)259 High-Speed SMOS Logic 8-Bit Addressable Latch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC259 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC259 Datasheet HTML 1Page - Texas Instruments CD54HC259 Datasheet HTML 2Page - Texas Instruments CD54HC259 Datasheet HTML 3Page - Texas Instruments CD54HC259 Datasheet HTML 4Page - Texas Instruments CD54HC259 Datasheet HTML 5Page - Texas Instruments CD54HC259 Datasheet HTML 6Page - Texas Instruments CD54HC259 Datasheet HTML 7Page - Texas Instruments CD54HC259 Datasheet HTML 8Page - Texas Instruments CD54HC259 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CDx4HC(T)259 High-Speed SMOS Logic 8-Bit Addressable Latch
1 Features
• Buffered inputs and outputs
• Four operating modes
• Typical propagation delay of 15ns at VCC = 5V, CL
= 15pF, TA = 25oC
• Fanout (over temperature range)
– Standard Outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Wide operating temperature range: -55oC to 125oC
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic ICs
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatability, VIL = 0.8
V (max), VIH = 2 V (min)
– CMOS input compatibility, II ≤ 1µA at VOL, VOH
2 Description
The CDx4HC(T)259 is an 8-bit addressable latch with
three active modes of operation (addressable latch,
memory, 8-line demultiplexer) and one reset mode.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD54HC259F3A
CDIP (16)
21.34 mm × 6.92 mm
CD54HCT259F3A
CDIP (16)
21.34 mm × 6.92 mm
CD74HC259E
PDIP (16)
19.31 mm × 6.35 mm
CD74HCT259E
PDIP (16)
19.31 mm × 6.35 mm
CD74HC259M
SOIC (16)
9.90 mm × 3.90 mm
CD74HCT259M
SOIC (16)
9.90 mm × 3.90 mm
(1)
For all packages see the orderable addendum at the end of
the data sheet.
S0
S1
S2
CLR
G
3:8 DECODER
001
010
011
100
101
110
111
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
D
LE
Q
R
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
LATCH
ENABLE
D
OUTPUT STORAGE
000
Functional Block Diagram
CD54HC259, CD74HC259, CD54HCT259, CD74HCT259
SCHS173D – NOVEMBER 1997 – REVISED NOVEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD54HC259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC259 TI-CD54HC259 Datasheet
271Kb / 12P
High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259 Datasheet
278Kb / 14P
High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259 Datasheet
428Kb / 16P
High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259 Datasheet
457Kb / 16P
High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259F3A TI-CD54HC259F3A Datasheet
271Kb / 12P
High-Speed CMOS Logic 8-Bit Addressable Latch
More results

Similar Description - CD54HC259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
Mar-2001
logo
Texas Instruments
DC74HC259 TI-DC74HC259 Datasheet
62Kb / 9P
High Speed CMOS Logic 8-Bit Addressable Latch
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
CD54HC259 TI-CD54HC259 Datasheet
271Kb / 12P
High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259_06 Datasheet
278Kb / 14P
High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259_07 Datasheet
428Kb / 16P
High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259_08 Datasheet
457Kb / 16P
High-Speed CMOS Logic 8-Bit Addressable Latch
TPIC6259DWG4 TI-TPIC6259DWG4 Datasheet
879Kb / 16P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI1-TPIC6A259_12 Datasheet
246Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com