Electronic Components Datasheet Search
  English  ▼

X  

8206FX Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 8206FX
Description  USB to 8 Optically Isolated Inputs / 8 Form C Relay Outputs Digital Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

8206FX Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  8206FX Datasheet HTML 1Page - Sealevel Systems, Inc. 8206FX Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
USB to 8 Optically Isolated Inputs / 8 Form C Relay Outputs Digital Interface Adapter
Part: 8206FX | Model: SeaLINK PLC-16
Features
• Eight Form C relay outputs (SPDT)
• Eight optically isolated inputs
• One 16-pin and two 12-pin removable screw terminals simplify field
wiring
• Powered by USB connection
• Includes 72″ USB cable (Item# CA179)
• Sealevel SeaIO Classic software supports Windows operating systems
sealevel.com
+1 864.843.4343
SL9637 G22
Specifications
Board Connector
5.08mm Screw Terminals
Family
SeaLINK
Contact Current
2A max.
Contact Voltage
60VDC max.
Digital I/O
Form C Relay Outputs, Isolated Inputs
Dimensions
7.1 (L) x 5.3 (W) x 1.5 (H)
Extended
Temperature
Call for Options
Field Wiring
12 – 30 AWG
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Input Range
5-30 VDC
Host Interface(s)
USB
Number of Inputs/
Outputs
8 Inputs 8 Outputs
Operating
Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
8/8
Power Requirement
+5V @ 500mA
Storage
Temperature
-50°C to 105°C (-58°F to 221°F)
USB Specification
1.1 Compliant, 2.0 Compatible



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com