Electronic Components Datasheet Search
  English  ▼

X  

JA3106B-32-J7PC-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JA3106B-32-J7PC-R
Description  Circular connector, General purpose, Crimp type, 35 pos., Straight, Pin, Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JA3106B-32-J7PC-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JA3106B-32-J7PC-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JA3106B-32-J7PC-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JA3106B-32-J7PC-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JA3106B-32-J7PC-R
Features
Circular connector, General purpose, Crimp type, 35 pos., Straight, Pin, Plug
Part Number
JA3106B-32-J7PC-R
Status
Active(NRND)
Number of Positions
35 pos.
Waterproof/ Non-waterproof
Non-waterproof
Applications
Machine tools, Rolling stock, Marine vessels, Telecommunications devices,
Broadcast systems, Industrial equipment and other electronic/ electric
equipment.
Connector Type
Plug
Connector Style
Straight
Contact Type
Pin
Wire Termination Method
Crimp
Coupling Style
Threaded
Contact Size
#12, #16
Shell Size
32
Contact Arrangement Code
32-J7
Contact Size X No. of Contacts
#16*28 + #12*7
Applicable Wire (Cross-
sectional Area of Conductor)
#16:1.25 to 2, #12:2 to 3.5
Product Details


Similar Part No. - JA3106B-32-J7PC-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JA3106B-32-J7SC-R JAE-JA3106B-32-J7SC-R Datasheet
60Kb / 3P
Circular connector, General purpose, Crimp type, 35 pos., Straight, Socket, Plug
More results

Similar Description - JA3106B-32-J7PC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPL-259-1 ETC2-CPL-259-1 Datasheet
103Kb / 2P
UHF Straight Crimp Type Plug -Crimp Contact
logo
Amphenol Corporation
MA1CAE1200 AMPHENOL-MA1CAE1200 Datasheet
84Kb / 1P
Straight Plug, 12 Pos
MA1CAP1700 AMPHENOL-MA1CAP1700 Datasheet
78Kb / 1P
Straight Plug, 17 Pos
MB1CKN0900 AMPHENOL-MB1CKN0900 Datasheet
82Kb / 1P
Straight Plug, 9 Pos
MC1CJN0600 AMPHENOL-MC1CJN0600 Datasheet
73Kb / 1P
Straight Plug, 6 Pos
MC1CJN0800 AMPHENOL-MC1CJN0800 Datasheet
65Kb / 1P
Straight Plug, 8 Pos
logo
List of Unclassifed Man...
R113082000 ETC2-R113082000 Datasheet
28Kb / 2P
STRAIGHT PLUG CRIMP TYPE
R141075161W ETC2-R141075161W Datasheet
29Kb / 2P
STRAIGHT PLUG CRIMP TYPE
R125077000 ETC2-R125077000 Datasheet
26Kb / 2P
STRAIGHT PLUG CRIMP OR SOLDER TYPE
logo
TE Connectivity Ltd
C-1103429 TEC-C-1103429 Datasheet
258Kb / 1P
FEMALE INSERT ASSY SERIES HC26, 8-POS., TYPE IIICIRCULAR HYBRID CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com