Electronic Components Datasheet Search
  English  ▼

X  

1268 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1268
Description  Adafruit 1.2" 4-Digit 7-Segment Display w/I2C Backpack - Green
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1268 Datasheet(HTML) 2 Page - Adafruit Industries

  1268 Datasheet HTML 1Page - Adafruit Industries 1268 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The backpacks use a driver chip that does all the heavy lifting for you: They have a built in clock
so they multiplex the display. They use constant-current drivers for ultra-bright, consistent color
(the images above are photographed at the dimmest setting to avoid overloading our camera!),
1/16 step display dimming, all via a simple I2C interface. The backpacks come with address-
selection jumpers so you can connect up to eight 7-segments (or a combination, such as four
mini 8x8's and four 7-segments, etc) on a single I2C bus.
The product kit comes with:
o
A fully tested and assembled LED backpack 
o
Ultra‐bright 4‐digit 1.2" tall green seven‐segment display 
o
5‐pin header 
A bit of soldering is required to attach the matrix onto the backpack but its very easy to
do and only takes about 5 minutes.
Of course, in classic Adafruit fashion, we also have a detailed tutorial showing you how
to solder, wire and control the display. We even wrote very nice libraries for the
backpacks so you can get running in under half an hour, displaying numbers on the 7-
segment for either Arduino or Raspberry Pi. If you've been eyeing matrix displays but
hesitated because of the complexity, his is the solution you've been looking for!
Technical Details
Measurements after you mount the screen:
o
50mm/2" wide 
o
120mm/4.7" long 
o
13mm/0.5" high 
o
This board/chip uses I2C 7‐bit addresses between 0x70‐0x77, selectable with jumpers. 
 
                                                                  Engineered in NYC Adafruit ®  



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com